Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1501 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1501
Description  Y2K-Compliant Watchdog Real-Time Clocks
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1501 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1501 Datasheet HTML 1Page - Dallas Semiconductor DS1501 Datasheet HTML 2Page - Dallas Semiconductor DS1501 Datasheet HTML 3Page - Dallas Semiconductor DS1501 Datasheet HTML 4Page - Dallas Semiconductor DS1501 Datasheet HTML 5Page - Dallas Semiconductor DS1501 Datasheet HTML 6Page - Dallas Semiconductor DS1501 Datasheet HTML 7Page - Dallas Semiconductor DS1501 Datasheet HTML 8Page - Dallas Semiconductor DS1501 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
DS1501/DS1511 Y2KC Watchdog Real-Time Clocks
2 of 20
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to Ground……………………………………………………..……....-0.5V to +6.0V
Operating Temperature Range (Module)…………………………………………………………..………....0°C to +70°C
Operating Temperature Range, DS1501
………………………………………………..-40°C to +85°C (Note 1)
Operating Temperature Range, DS1511……………………………………………………………….……..0°C to +70°C
Storage Temperature Range, DS1501
…………………...…………………………………....-55°C to +125°C
Storage Temperature Range, DS1511………………………………………………………………….…..-40°C to +70°C
Soldering Temperature (DIP, Module)….………………….+260°C Lead Temperature for 10 seconds (max) (Note 2)
Soldering Temperature (SO, TSOP)
…….……………..See IPC/JEDEC J-STD-020A for Surface-Mount Devices
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is
not implied. Exposure to the absolute maximum rating conditions for extended periods may affect device reliability.
RECOMMENDED DC OPERATING CONDITIONS
(VCC = 3.3V or 5V ±10%, TA = 0°C to +70°C; VCC = 3.3V or 5V ±10%, TA = -40°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
5V (Y)
4.5
5.0
5.5
Power Supply Voltage (Note 3)
VCC
3.3V (W)
3.0
3.3
3.6
V
Y
2.2
VCC + 0.3
Logic 1 Voltage All Inputs (Note 3)
VIH
W
2.0
VCC + 0.3
V
Pullup Voltage,
IRQ, PWR, and
RST Outputs (Note 3)
VPU
5.5
V
Y
-0.3
+0.8
Logic 0 Voltage All Inputs (Note 3)
VIL
W
-0.3
+0.6
V
Battery Voltage (Note 3)
VBAT
2.5
3.0
3.7
V
Y
2.5
3.0
5.3
Auxiliary Battery Voltage (Note 3)
VBAUX
W
2.5
3.0
3.7
V
DC ELECTRICAL CHARACTERISTICS
(VCC = 3.3V or 5V ±10%, TA = 0°C to +70°C; VCC = 3.3V or 5V ±10%, TA = -40°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Y
15
Active Supply Current (Note 4)
ICC
W
10
mA
Y
5
TTL Standby Current (
CE = VIH)
ICC1
W
4
mA
Y
5
CMOS Standby Current
(
CE = VCC - 0.2V)
ICC2
W
4
mA
Input Leakage Current (Any Input)
IIL
-1
+1
mA
Output Leakage Current (Any Output)
IOL
-1
+1
mA
Output Logic 1 Voltage
(IOUT = -1.0mA)
VOH
(Note 3)
2.4
V
VOL1
(Note 3)
0.4
V
Output Logic 0 Voltage (IOUT = 2.1mA,
DQ0–7; IOUT = 5.0mA, IRQ, IOUT =
7.0mA,
PWR and RST)
VOL2
(Notes 3, 5)
0.4
V
Y
2.0
Battery Low, Flag Trip Point (Note 2)
VBLF
W
1.9
V
Y
4.20
4.50
Power-Fail Voltage (Note 2)
VPF
W
2.75
2.97
V
Battery Switchover Voltage (Notes 3, 6)
VSO
VBAT,
VBAUX,
or VPF
V
Battery Leakage Current
ILKG
100
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com