Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1501 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1501
Description  Y2K-Compliant Watchdog Real-Time Clocks
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1501 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1501 Datasheet HTML 1Page - Dallas Semiconductor DS1501 Datasheet HTML 2Page - Dallas Semiconductor DS1501 Datasheet HTML 3Page - Dallas Semiconductor DS1501 Datasheet HTML 4Page - Dallas Semiconductor DS1501 Datasheet HTML 5Page - Dallas Semiconductor DS1501 Datasheet HTML 6Page - Dallas Semiconductor DS1501 Datasheet HTML 7Page - Dallas Semiconductor DS1501 Datasheet HTML 8Page - Dallas Semiconductor DS1501 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
DS1501/DS1511 Y2KC Watchdog Real-Time Clocks
4 of 20
AC OPERATING CHARACTERISTICS
(VCC = 3.3V ±10%, TA = 0°C to +70°C; VCC = 3.3V ±10%, TA = -40°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Read Cycle Time
tRC
120
ns
Address Access Time
tAA
120
ns
CE to DQ Low-Z
tCEL
(Note 8)
5
ns
CE Access Time
tCEA
120
ns
CE Data Off Time
tCEZ
(Note 8)
40
ns
OE to DQ Low-Z (0°C to +85°C)
tOEL
(Note 8)
5
ns
OE to DQ Low-Z (-40°C to 0°C)
tOEL
(Note 8)
2
ns
OE Access Time
tOEA
100
ns
OE Data-Off Time
tOEZ
(Note 8)
35
ns
Output Hold from Address
tOH
5
ns
Write Cycle Time
tWC
120
ns
Address Setup Time
tAS
0
ns
WE Pulse Width
tWEW
100
ns
CE Pulse Width
tCEW
110
ns
Data Setup Time
tDS
80
ns
Data Hold Time
tDH
5
ns
Address Hold Time
tAH
5
ns
WE Data-Off Time
tWEZ
(Note 8)
40
ns
Write Recovery Time
tWR
15
ns
Pulse Width,
OE, WE, or CE High
PWHIGH
40
ns
Pulse Width,
OE, WE, or CE Low
PWLOW
100
ns
Figure 1. Read Cycle Timing
t
RC
t
CEA
tOEA
tCEL
tOEL
tOH
t
OEZ
t
AA
VALID
DQ0-DQ7
OE
CE
A0–A4
t
CEZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com