Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317HVT Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM317HVT
Description  3-Terminal Adjustable Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM317HVT Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM317HVT Datasheet HTML 2Page - National Semiconductor (TI) LM317HVT Datasheet HTML 3Page - National Semiconductor (TI) LM317HVT Datasheet HTML 4Page - National Semiconductor (TI) LM317HVT Datasheet HTML 5Page - National Semiconductor (TI) LM317HVT Datasheet HTML 6Page - National Semiconductor (TI) LM317HVT Datasheet HTML 7Page - National Semiconductor (TI) LM317HVT Datasheet HTML 8Page - National Semiconductor (TI) LM317HVT Datasheet HTML 9Page - National Semiconductor (TI) LM317HVT Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Application Hints (Continued)
or less and 10 µF capacitance.
Figure 3 shows an LM117HV
with protection diodes included for use with outputs greater
than 25V and high values of output capacitance.
Current Limit
Internal current limit will be activated whenever the output
current exceeds the limit indicated in the Typical Perfor-
mance Characteristics. However, if during a short circuit con-
dition the regulator’s differential voltage exceeds the Abso-
lute Maximum Rating of 60V (e.g. V
IN ≥ 60V, VOUT = 0V),
internal junctions in the regulator may break down and the
device may be damaged or fail. Failure modes range from an
apparent open or short from input to output of the regulator,
to a destroyed package (most common with the TO-220
package). To protect the regulator, the user is advised to be
aware of voltages that may be applied to the regulator during
fault conditions, and to avoid violating the Absolute Maxi-
mum Ratings.
Note: D1 protects against C1
D2 protects against C2
Schematic Diagram
Typical Applications
DS009062-7
FIGURE 3. Regulator with Protection Diodes
DS009062-8
Slow Turn-On 15V Regulator
DS009062-9
Adjustable Regulator with Improved
Ripple Rejection
DS009062-10
†Solid tantalum
*Discharges C1 if output is shorted to ground
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com