Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317HVT Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM317HVT
Description  3-Terminal Adjustable Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM317HVT Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM317HVT Datasheet HTML 1Page - National Semiconductor (TI) LM317HVT Datasheet HTML 2Page - National Semiconductor (TI) LM317HVT Datasheet HTML 3Page - National Semiconductor (TI) LM317HVT Datasheet HTML 4Page - National Semiconductor (TI) LM317HVT Datasheet HTML 5Page - National Semiconductor (TI) LM317HVT Datasheet HTML 6Page - National Semiconductor (TI) LM317HVT Datasheet HTML 7Page - National Semiconductor (TI) LM317HVT Datasheet HTML 8Page - National Semiconductor (TI) LM317HVT Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LM117HV/LM317HV
3-Terminal Adjustable Regulator
General Description
The LM117HV/LM317HV are adjustable 3-terminal positive
voltage regulators capable of supplying in excess of 1.5A
over a 1.2V to 57V output range. They are exceptionally
easy to use and require only two external resistors to set the
output voltage. Further, both line and load regulation are bet-
ter than standard fixed regulators. Also, the LM117HV is
packaged in standard transistor packages which are easily
mounted and handled.
In addition to higher performance than fixed regulators, the
LM117HV series offers full overload protection available only
in IC’s. Included on the chip are current limit, thermal over-
load protection and safe area protection. All overload protec-
tion circuitry remains fully functional even if the adjustment
terminal is disconnected.
Normally, no capacitors are needed unless the device is situ-
ated more than 6 inches from the input filter capacitors in
which case an input bypass is needed. An optional output
capacitor can be added to improve transient response. The
adjustment terminal can be bypassed to achieve very high
ripple rejections ratios which are difficult to achieve with
standard 3-terminal regulators.
Besides replacing fixed regulators, the LM117HV is useful in
a wide variety of other applications. Since the regulator is
“floating” and sees only the input-to-output differential volt-
age, supplies of several hundred volts can be regulated as
long as the maximum input to output differential is not ex-
ceeded, i.e. do not short the output to ground.
Also, it makes an especially simple adjustable switching
regulator, a programmable output regulator, or by connecting
a fixed resistor between the adjustment and output, the
LM117HV can be used as a precision current regulator. Sup-
plies with electronic shutdown can be achieved by clamping
the adjustment terminal to ground which programs the out-
put to 1.2V where most loads draw little current.
The LM117HVK STEEL and LM317HVK STEEL are pack-
aged in standard TO-3 transistor packages, while the
LM117HVH and LM317HVH are packaged in a solid Kovar
base TO-39 transistor package. The LM317HVT uses a TO-
220 plastic package. The LM117HV is rated for operation
from −55˚C to +150˚C, and the LM317HV from 0˚C to
+125˚C.
Features
n
Adjustable output down to 1.2V
n
Guaranteed 1.5A output current
n
Line regulation typically 0.01%/V
n
Load regulation typically 0.1%
n
Current limit constant with temperature
n
100% electrical burn-in
n
Eliminates the need to stock many voltages
n
Standard 3-lead transistor package
n
80 dB ripple rejection
n
Output is short-circuit protected
n
P
+ Product Enhancement tested
Typical Applications
1.2V-45V Adjustable Regulator
DS009062-1
Full output current not available at high input-output voltages
†Optional — improves transient response. Output capacitors in the range of 1 µF to 1000 µF of aluminum or tantalum electrolytic
are commonly used to provide improved output impedance and rejection of transients.
*Needed if device is more than 6 inches from filter capacitors.
April 2000
© 2000 National Semiconductor Corporation
DS009062
www.national.com


Similar Part No. - LM317HVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM317HVT/NOPB TI1-LM317HVT/NOPB Datasheet
2Mb / 28P
High Voltage Three-Terminal Adjustable Regulator
LM317HVT/NOPB TI2-LM317HVT/NOPB Datasheet
2Mb / 27P
LMx17HV High Voltage Three-Terminal Adjustable Regulator With Overload Protection
REVISED SEPTEMBER 2015
LM317HVT/NOPB.B TI2-LM317HVT/NOPB.B Datasheet
2Mb / 27P
LMx17HV High Voltage Three-Terminal Adjustable Regulator With Overload Protection
REVISED SEPTEMBER 2015
More results

Similar Description - LM317HVT

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5237L MITSUBISHI-M5237L Datasheet
165Kb / 6P
3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
3-Terminal Adjustable Regulator
LM337L NSC-LM337L Datasheet
89Kb / 5P
3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
3-TERMINAL ADJUSTABLE REGULATOR
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
3-TERMINAL ADJUSTABLE REGULATOR
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com