Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFPA Datasheet(PDF) 1 Page - Copal Electronics

Part # CFPA
Description  Surface Mount Pushbutton Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CFPA Datasheet(HTML) 1 Page - Copal Electronics

  CFPA Datasheet HTML 1Page - Copal Electronics CFPA Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CFPA
Surface Mount Pushbutton Switches
RoHS Compliant
■Features
1. Compatible with ReÅow Soldering
2. Washable
3. Gold-Plated Contacts for Low Current Application
4. Clip Contact Mechanism for High Contact Reliability
■ SpeciÄcations
Rating
Max.
0.4VA
(28VDC max.)(Resistive load)
Min.
1
μA 20mDCV
(Resistive load)
Initial contact resistance
80m
Ω max. (1.5mA 1kHz 20mV min.)
Dielectric strength
500VAC 1 minute
Initial insulation resistance 500M
Ω min.
(500VDC)
Stroke
1.1 mm
Operating force
1.5N
± 1N
Electrical life
50,000 operations at max. rating
Switch timing
Non-shorting
Operating temperature range
−40℃∼+85℃
Storage temperature range
−40℃∼+85℃
■Part Numbering
A
A
A
1
F
2
T
B4
Series code & Acutuator
B4
Gull wing R/A
2
Gold plated
Contact material Packaging specifications
T
W
Taping
Tray
Packaging specifications
Contact material
■Optional Accessories
《Sold separately》
■Color Cap Mounting
Part Name
Dimensions
Color
Part Number
Coor Cap
Gloss Änish
White
140000481453
Red
140000481452
ABS resin
Black
140000481451
Gray
140000481450
(ON)
:Momentary.
The color cap should be installed after the reÅow soldering and washing process.
Washable


Similar Part No. - CFPA

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CFPA10MD COMCHIP-CFPA10MD Datasheet
69Kb / 2P
Glass Passivated Sintered Fast Recovery Rectifier
CFPA10MM COMCHIP-CFPA10MM Datasheet
69Kb / 2P
Glass Passivated Sintered Fast Recovery Rectifier
logo
PANDUIT CORP.
CFPAGS2AWY PANDUIT-CFPAGS2AWY Datasheet
1Mb / 12P
Network Infrastructure for the Enterprise
1/2017
CFPAGS2SAWY PANDUIT-CFPAGS2SAWY Datasheet
1Mb / 12P
Network Infrastructure for the Enterprise
1/2017
More results

Similar Description - CFPA

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
PUSHBUTTON SWITCHES
700A E-SWITCH-700A Datasheet
570Kb / 3P
PUSHBUTTON SWITCHES
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
PUSHBUTTON SWITCHES
logo
Grayhill, Inc
38HWSP8M7RT GRAYHILL-38HWSP8M7RT Datasheet
343Kb / 4P
Sealed Surface Mount Subminiature Pushbutton Switches
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
Pushbutton Switches
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
Pushbutton Switches
MSP COPAL-MSP Datasheet
607Kb / 1P
Pushbutton Switches
SMAP COPAL-SMAP Datasheet
727Kb / 2P
Surface Mount Pushbutton Switches
logo
C&K Components
F CK-COMPONENTS-F Datasheet
1Mb / 9P
Pushbutton Switches
29 may 19
PS-12G CK-COMPONENTS-PS-12G_V01 Datasheet
888Kb / 8P
Pushbutton Switches
28 Nov 22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com