Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFPA Datasheet(PDF) 2 Page - Copal Electronics

Part # CFPA
Description  Surface Mount Pushbutton Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CFPA Datasheet(HTML) 2 Page - Copal Electronics

  CFPA Datasheet HTML 1Page - Copal Electronics CFPA Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
350℃, Max.; 3-4 seconds, Max.
Device : Soldering iron
30
pp y e o so de g
t es
a
(1)Rfl
S ld i
(2)Manual Soldering
■Switching function
■Flux Cleaning
■Soldering SpeciÄcations
■Dimension
■Pad Layouts
■Table of Part Numbers
Packaging speciÄcations
Part No.
Taping
CFPA
−1FB4−A2T
Tray
CFPA
−1FB4−A2W
Switching
function
Part No.
CFPA
−1FB4−A2■
ON
(ON)
Connecting terminals
2
−32−1
■:Packing speciÄcations T or W(ON)
:Momentary
3.81
1.1
1.7
3
1
2
3
0.25
5.3
 EPOXY SEAL
1.1 STROKE
0.5 min.
3.3
1.5
9
0.55
0.9
0.9
3.81
2.54
Lot No.
Type No.
C
C part detailed drawing
0.3
CFPA
■Packaging SpeciÄcations
500 pcs/reel
Taping
305
140
50 pcs/tray
Tray
Cover
Part No. label
Part No. label
Tray
Tray box
Mat
(1)For the solvent, use water or alcohol. In addition, pay careful attention to use the solvent.
(2)The cleaning method is limited to immersion cleaning only. The cleaning time is 2 minutes, max, but be sure to minimize the time as
much as possible.
(3)To clean the switch after soldering, wait until the switch temperature has cooled down to room temperature (30℃ or below).
(4)The product must be dried sufficiently after cleaning. Improper drying may result in fluctuation in torque or electrical damage.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com