Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF-TA Datasheet(PDF) 2 Page - Copal Electronics

Part # CF-TA
Description  Relow Toggle Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CF-TA Datasheet(HTML) 2 Page - Copal Electronics

  CF-TA Datasheet HTML 1Page - Copal Electronics CF-TA Datasheet HTML 2Page - Copal Electronics CF-TA Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
●
■
■
■
Number of poles Switching function
Actuator shape
Form of Packaging
Terminal style
Pieces in package
SMD
THR
1 pole
D
Standard
Taping
CF-TA-1DB4-A02T
CF-TA-1DB4-A12T
500pcs./reel
E
CF-TA-1EB4-A02T
CF-TA-1EB4-A12T
500pcs./reel
F
★CF-TA-1FB4-A02T ★CF-TA-1FB4-A12T
500pcs./reel
G
★CF-TA-1GB4-A02T ★CF-TA-1GB4-A12T
500pcs./reel
H
★
★
500pcs./reel
D
Plastic bags
CF-TA-1DB4-A02
CF-TA-1DB4-A12
20pcs./pack
E
CF-TA-1EB4-A02
CF-TA-1EB4-A12
20pcs./pack
F
★CF-TA-1FB4-A02 ★CF-TA-1FB4-A12
20pcs./pack
G
★CF-TA-1GB4-A02 ★CF-TA-1GB4-A12
20pcs./pack
H
★
★
20pcs./pack
D
Lever-lock
Taping
−
250pcs./reel
Plastic bags
−
20pcs./pack
・
・
●
□
□
(1)
 ・Standard
(2)
Manual soldering
  Device:Solder iron
  380℃ Max. 3sec Max.
・Locking Lever



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com