Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF-TA Datasheet(PDF) 3 Page - Copal Electronics

Part # CF-TA
Description  Relow Toggle Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CF-TA Datasheet(HTML) 3 Page - Copal Electronics

  CF-TA Datasheet HTML 1Page - Copal Electronics CF-TA Datasheet HTML 2Page - Copal Electronics CF-TA Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
〈
〉〈
〉
■
Fig.1 Embossed tape dimensions
(1)
Taping
One reel is packed into one carton (1 reel / carton).
The maximum number of consecutive missing
pieces shall be 2.
Embossed tape dimensions are shown in the
diagram below.
(2)
Bulk
20 pcs / plastic bag
Tape trailer
End
Head
40mm min.
20pitches min.
400mm min.
Tape trailer
Filled
・
・
Unit(㎜)
AW1
W2
N
φ330±2
45.4±1
49.4±1
φ80±1
Unit(㎜)
BC
D
44
20.2±0.1
40.4±0.1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com