Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFS-0803TA Datasheet(PDF) 3 Page - Copal Electronics

Part # CFS-0803TA
Description  SLIDE SWITCHES (FULL PITCH)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CFS-0803TA Datasheet(HTML) 3 Page - Copal Electronics

  CFS-0803TA Datasheet HTML 1Page - Copal Electronics CFS-0803TA Datasheet HTML 2Page - Copal Electronics CFS-0803TA Datasheet HTML 3Page - Copal Electronics CFS-0803TA Datasheet HTML 4Page - Copal Electronics CFS-0803TA Datasheet HTML 5Page - Copal Electronics CFS-0803TA Datasheet HTML 6Page - Copal Electronics CFS-0803TA Datasheet HTML 7Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CFS
SLIDE SWITCHES (FULL PITCH)
Reflow profile for soldering heat evaluation〉
Reflow : two times maximum
Peak : 250
Over 230
℃
Pre Heating Zone
180 C
(
℃)
250
200
150
100
50
150 C
90±30 s
30±10 s
Soldering Zone
Heating time
℃
+5
0
■ STANDARD SPECIFICATIONS
Operating temp. range
Storage temp. range
Sealing
Net weight
− 40 ~ 85 °C
Approx. 0.15 g (CFS-01), Approx. 0.24 g (CFS-02),
Approx. 0.33 g (CFS-03), Approx. 0.42 g (CFS-04),
Approx. 0.51 g (CFS-05), Approx. 0.61 g (CFS-06),
Approx. 0.70 g (CFS-07), Approx. 0.82 g (CFS-08),
Approx. 0.90 g (CFS-09), Approx. 0.98 g (CFS-10)
Stroke
Operation force
Stop strength
Solderability
Soldering heat
Shear (Adhesion)
Substrate bending
Pull-off strength
1 mm
0.5 ~ 7 N {0.05 ~ 0.71 kgf}
10 N {1.02 kgf} 60 s
245
± 3 °C, 2 ~ 3 s
5 N {0.51 kgf} 10 s
5 N {0.51 kgf} 10 s
■ MECHANICAL CHARACTERISTICS
Contact resistance
Insulation resistance
Dielectric strength
50 m
Ω maximum
1000 M
Ω (DC100 V) minimum
AC500 V, 60 s
Vibration
Shock
Load life
Humidity
High temp. exposure
Low temp. exposure
Thermal shock
Amplitude 1.5 mm or Acceleration 98 m/s
2,
10-500 Hz, 3 directions for 10 cycles each
490 m/s
2, 11 ms, 6 directions for 3 times each
Continuous load 1000 cycles, DC6
± 0.5 V, 100 ± 10 mA
−10 ~ 65 °C, Relative humidity 0 ~ 96 %, 24 h for 10 cycles
85 °C, 96 h
−40 °C, 96 h
−40 (0.5 h) ~ 85 °C (0.5 h), 5 cycles
■ ELECTRICAL CHARACTERISTICS
■ ENVIRONMENTAL CHARACTERISTICS
{ } : Reference only
Flow
:260
± 3 °C, 5 ~ 6 s, two times maximum
Reflow
:255 °C (Peak temperature)
(Please refer to the profile below)
Manual soldering
:350
± 10 °C, 3 ~ 4 s
Contact rating
Non-switching
Switching
Minimum
DC50 V 100 mA
DC6 V, 100 mA DC24 V, 25 mA
DC20 mV 1
μA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com