Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFS-0803TA Datasheet(PDF) 4 Page - Copal Electronics

Part # CFS-0803TA
Description  SLIDE SWITCHES (FULL PITCH)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CFS-0803TA Datasheet(HTML) 4 Page - Copal Electronics

  CFS-0803TA Datasheet HTML 1Page - Copal Electronics CFS-0803TA Datasheet HTML 2Page - Copal Electronics CFS-0803TA Datasheet HTML 3Page - Copal Electronics CFS-0803TA Datasheet HTML 4Page - Copal Electronics CFS-0803TA Datasheet HTML 5Page - Copal Electronics CFS-0803TA Datasheet HTML 6Page - Copal Electronics CFS-0803TA Datasheet HTML 7Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Production date code
0.25
3.95
+0.1
–0.05
1.4
+0.1
–0.05
Production date code
L
2.54±0.15
2
0.6
+0.1
–0.05
0.25
+0.1
–0.05
Production date code
0.25
L
2.54±0.15
2
+0.1
–0.05
0.6
+0.1
–0.05
Production date code
0.25
L
2.54±0.15
2
+0.1
–0.05
0.6
+0.1
–0.05
1.2
Production date code
L
2.54±0.15
2
0.5
1.4
+0.1
–0.05
1.2
Production date code
L
2.54±0.15
2
0.5
1.4
+0.1
–0.05
Production date code
0.25
3.95
+0.1
–0.05
1.4
+0.1
–0.05
1.2
Production date code
1.2
L
2.54±0.15
2
0.6
+0.1
–0.05
0.25
+0.1
–0.05
O Convex knob of 0.6 mm, Through hole pin
O Flat knob, Gull wing
O Convex knob of 0.6 mm, Gull wing
O Flat knob, Through hole pin
O 1 bit, J-hook
CFS
SLIDE SWITCHES (FULL PITCH)
■ OUTLINE DIMENSIONS
Unless otherwise specified, tolerance :
± 0.3 (Unit : mm)
O 1 bit, Gull wing
O Flat knob, J-hook
O Convex knob of 0.6 mm, J-hook



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com