Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFS-0803MA Datasheet(PDF) 5 Page - Copal Electronics

Part # CFS-0803MA
Description  SLIDE SWITCHES (FULL PITCH)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CFS-0803MA Datasheet(HTML) 5 Page - Copal Electronics

  CFS-0803MA Datasheet HTML 1Page - Copal Electronics CFS-0803MA Datasheet HTML 2Page - Copal Electronics CFS-0803MA Datasheet HTML 3Page - Copal Electronics CFS-0803MA Datasheet HTML 4Page - Copal Electronics CFS-0803MA Datasheet HTML 5Page - Copal Electronics CFS-0803MA Datasheet HTML 6Page - Copal Electronics CFS-0803MA Datasheet HTML 7Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
0
2.54
× (P – 1)
1
0
1.8
0
2.54
× (P – 1)
1
0
1.8
■ RECOMMENDED P.C.B. PAD DIMENSIONS
(Unit : mm)
P:No. of bits
O CFS-□□□□B
O CFS-01□□A
O CFS-□□□□A
O CFS-01□□B
0
2.54
× (p – 1)
1
φ
■ SIZE OF P.C.B. PROCESSING
(Unit : mm)
O CFS-□□□□C
P:No. of bits
CFS
SLIDE SWITCHES (FULL PITCH)
Part number
CFS-06
CFS-07
CFS-08
CFS-09
CFS-10
Schematic
No. of bits.
6
7
8
9
10
L dimension
16.7
19.25
21.8
24.35
26.9
Part number
CFS-01
CFS-02
CFS-03
CFS-04
CFS-05
Schematic
No. of bits.
1
2
3
4
5
L dimension
3.95
6.5
9.05
11.6
14.15
O 1Convex knob of 1 mm , Through hole pin
O Convex knob of 1 mm , Gull wing
Production date code
0.25
L
2.54±0.15
2
+0.1
–0.05
0.6
+0.1
–0.05
1.2
Production date code
L
2.54±0.15
2
0.5
1.4
+0.1
–0.05
1.2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com