Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFS-0803MA Datasheet(PDF) 6 Page - Copal Electronics

Part # CFS-0803MA
Description  SLIDE SWITCHES (FULL PITCH)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CFS-0803MA Datasheet(HTML) 6 Page - Copal Electronics

  CFS-0803MA Datasheet HTML 1Page - Copal Electronics CFS-0803MA Datasheet HTML 2Page - Copal Electronics CFS-0803MA Datasheet HTML 3Page - Copal Electronics CFS-0803MA Datasheet HTML 4Page - Copal Electronics CFS-0803MA Datasheet HTML 5Page - Copal Electronics CFS-0803MA Datasheet HTML 6Page - Copal Electronics CFS-0803MA Datasheet HTML 7Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
CFS
SLIDE SWITCHES (FULL PITCH)
■ PACKAGING SPECIFICATIONS
Maximum number of consecutive missing pieces = 2
Leader length and reel dimension are shown in the
diagrams below:
<Taping packaging specifications>
O Taping version is packaged in 1000 pcs. (Flat knob) or
800 pcs. (Convex knob) per reel. Orders will be
accepted for units of 1000 or 800 pcs., i.e., 1000, 2000,
3000 pcs., or 800, 1600, 2400 pcs., etc.
O Taping version is boxed with 1 reel.
O Embossed tape dimensions
O Reel dimensions
(Unit: mm)
(Conforms to JIS C 0806-3)
(In accordance with EIAJ ET-7200A)
40 mm min.
20 pitches min.
400 mm min.
Direction of feed
End
Head
Empty
Filled
Empty
21
±0.8
13
±0.2
2
±0.5
A
W1
W2
φ
φ
No. of bits
A
W1
W2
N
Flat knob
1, 2, 3, 4, 5, 6
7, 8
9, 10
25.4
± 1
29.4
± 1
φ 330 ± 2
33.4
± 1
37.4
± 1
φ 80 ± 1
45.4
± 1
49.4
± 1
No. of bits
A
W1
W2
N
Convex knob
1, 2, 3, 4, 5, 6
7
8, 9, 10
25.4
± 1
29.4
± 1
φ 330 ± 2
33.4
± 1
37.4
± 1
φ 80 ± 1
45.4
± 1
49.4
± 1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com