Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM320 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM320
Description  Series 3-Terminal Negative Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM320 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM320 Datasheet HTML 2Page - National Semiconductor (TI) LM320 Datasheet HTML 3Page - National Semiconductor (TI) LM320 Datasheet HTML 4Page - National Semiconductor (TI) LM320 Datasheet HTML 5Page - National Semiconductor (TI) LM320 Datasheet HTML 6Page - National Semiconductor (TI) LM320 Datasheet HTML 7Page - National Semiconductor (TI) LM320 Datasheet HTML 8Page - National Semiconductor (TI) LM320 Datasheet HTML 9Page - National Semiconductor (TI) LM320 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Typical Performance Characteristics (Continued)
Dissipation (TO-5)
Maximum Average Power
Dissipation (TO-202)
Maximum Average Power
Dissipation (TO-220)
Maximum Average Power
Short Circuit Current
TLH7767 – 5
Typical Applications (Continued)
High Stability 1 Amp Regulator
TLH7767 – 6
Lead and line regulation
001% temperature stability
02%
Determines Zener current
Solid tantalum
An LM120-12 or LM120-15 may be used to permit higher input voltages but the regulated output voltage must be at least b15V when using the LM120-12 and
b
18V for the LM120-15
Select resistors to set output voltage 2 ppm C tracking suggested
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com