Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM320 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM320
Description  Series 3-Terminal Negative Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM320 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM320 Datasheet HTML 3Page - National Semiconductor (TI) LM320 Datasheet HTML 4Page - National Semiconductor (TI) LM320 Datasheet HTML 5Page - National Semiconductor (TI) LM320 Datasheet HTML 6Page - National Semiconductor (TI) LM320 Datasheet HTML 7Page - National Semiconductor (TI) LM320 Datasheet HTML 8Page - National Semiconductor (TI) LM320 Datasheet HTML 9Page - National Semiconductor (TI) LM320 Datasheet HTML 10Page - National Semiconductor (TI) LM320 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Typical Applications (Continued)
Wide Range Tracking Regulator
TLH7767 – 7
Resistor tolerance of R1 and R2 determine matching of (a) and (b)
inputs
Necessary only if raw supply capacitors are more than 3
from regulators
An LM3086N array may substitute for Q1 D1 and D2 for better stability and
tracking In the array diode transistors Q5 and Q4 (in parallel) make up D2
similarly Q1 and Q2 become D1 and Q3 replaces the 2N2222
Variable Output
TLH7767 – 9
Optional Improves transient response and ripple rejection
VOUT e VSET
R1aR2
R2
SELECT R2 AS FOLLOWS
LM120-5
b
300X
LM120-12
b
750X
LM120-15
b
1k
Current Source
IOUT e 1mA a
50V
R1
TLH7767 – 8
g
15V 1 Amp Tracking Regulators
TLH7767 – 12
Performance (Typical)
Load Regulation at DIL e 1A
10 mV
1 mV
Output Ripple CIN e 3000 mF IL e 1A
100 mVrms
100 mVrms
Temperature Stability
a
50 mV
a
50 mV
Output Noise 10 Hz s f s 10 kHz
150 mVrms
150 mVrms
Resistor tolerance of R4 and R5 determine matching of (a) and
(b) outputs
Necessary only if raw supply filter capacitors are more than 2
from regulators
Light Controllers Using Silicon Photo Cells
TLH7767 – 10
Lamp brightness increases until iI e 5VR1 (iI can be set as low as 1 mA)
Necessary only of raw supply filter capacitor is more than 2
from
LM320MP
TLH7767 – 11
Lamp brightness increases until iI eiQ (1 mA) a 5VR1
Necessary only if raw supply filter capacitor is more than 2
from LM320
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com