Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT27LC010 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT27LC010
Description  CMOS 128K X 8-Bit OTP EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT27LC010 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT27LC010 Datasheet HTML 1Page - Holtek Semiconductor Inc HT27LC010 Datasheet HTML 2Page - Holtek Semiconductor Inc HT27LC010 Datasheet HTML 3Page - Holtek Semiconductor Inc HT27LC010 Datasheet HTML 4Page - Holtek Semiconductor Inc HT27LC010 Datasheet HTML 5Page - Holtek Semiconductor Inc HT27LC010 Datasheet HTML 6Page - Holtek Semiconductor Inc HT27LC010 Datasheet HTML 7Page - Holtek Semiconductor Inc HT27LC010 Datasheet HTML 8Page - Holtek Semiconductor Inc HT27LC010 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
HT27LC010
CMOS 128K´8-Bit OTP EPROM
Block Diagram
Rev. 1.30
1
December 8, 2003
Features
· Operating voltage: +3.3V
· Programming voltage
- VPP=12.5V±0.2V
- VCC=6.0V±0.2V
· High-reliability CMOS technology
· Latch-up immunity to 100mA from -1.0V to
VCC+1.0V
· CMOS and TTL compatible I/O
· Low power consumption
- Active: 15mA max.
- Standby: 1mA typ.
· 128K´8-bit organization
· Fast read access time: 90ns
· Fast programming algorithm
· Programming time 75ms typ.
· Two line controls (OE and CE)
· Standard product identification code
· Commercial temperature ranges (0°Cto+70°C)
· 32-pin DIP/SOP/TSOP/PLCC Package
General Description
The HT27LC010 chip family is a low-power, 1024K
(1,048,576) bit, +3.3V electrically one-time programma-
ble (OTP) read-only memories (EPROM). Organized
into 128K words with 8 bits per word, it features a fast
single address location programming, typically at 75
ms
per byte. Any byte can be accessed in less than 90ns
with respect to Spec. This eliminates the need for WAIT
states in high-performance microprocessor systems.
The HT27LC010 has separate Output Enable (OE) and
Chip Enable (CE) controls which eliminate bus conten-
tion issues.
C E & O E &
P G M & T E S T
C o n t r o l L o g i c
X - D e c o d e r
Y - D e c o d e r
C e l l A r r a y
S A C K T
&
O u t p u t B u f f e r
C o l u m n
A d d r e s s
R o w
A d d r e s s
Y - G a t i n g
V C C
D Q 0 ~ D Q 7
G N D
C E
O E
P G M
V P P


Similar Part No. - HT27LC010

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT27LC020 HOLTEK-HT27LC020 Datasheet
203Kb / 15P
OTP CMOS 256Kx 8-Bit EPROM
December 8, 2003
HT27LC040 HOLTEK-HT27LC040 Datasheet
175Kb / 15P
CMOS 512K 8-Bit OTP EPROM
December 8, 2003
More results

Similar Description - HT27LC010

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010 Datasheet
256Kb / 9P
1 Megabit 128K x 8 OTP CMOS EPROM
AT27LV010A ATMEL-AT27LV010A Datasheet
207Kb / 9P
1 Megabit 128K x 8 Low Voltage OTP CMOS EPROM
logo
Macronix International
MX27C1000 MCNIX-MX27C1000 Datasheet
997Kb / 18P
1M-BIT [128K x 8] CMOS EPROM
MX27C1000A MCNIX-MX27C1000A Datasheet
960Kb / 15P
1M-BIT [128K x 8] CMOS EPROM
logo
Holtek Semiconductor In...
HT27C010 HOLTEK-HT27C010 Datasheet
171Kb / 15P
CMOS 128K X 8-Bit OTP EPROM
November 21, 2002
logo
Cypress Semiconductor
CY27C128 CYPRESS-CY27C128 Datasheet
521Kb / 9P
128K (16K x 8-Bit) CMOS EPROM
logo
Maxwell Technologies
27C010T MAXWELL-27C010T Datasheet
207Kb / 14P
1 Megabit (128K x 8-Bit) - OTP EPROM
logo
Macronix International
MX27C1001 MCNIX-MX27C1001 Datasheet
91Kb / 18P
1M-BIT [128K x 8] CMOS EPROM
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010_07 Datasheet
343Kb / 14P
1-Megabit (128K x 8) OTP EPROM
logo
AMIC Technology
A27020 AMICC-A27020_15 Datasheet
138Kb / 14P
256K X 8 OTP CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com