Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT27LC010 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT27LC010
Description  CMOS 128K X 8-Bit OTP EPROM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT27LC010 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT27LC010 Datasheet HTML 1Page - Holtek Semiconductor Inc HT27LC010 Datasheet HTML 2Page - Holtek Semiconductor Inc HT27LC010 Datasheet HTML 3Page - Holtek Semiconductor Inc HT27LC010 Datasheet HTML 4Page - Holtek Semiconductor Inc HT27LC010 Datasheet HTML 5Page - Holtek Semiconductor Inc HT27LC010 Datasheet HTML 6Page - Holtek Semiconductor Inc HT27LC010 Datasheet HTML 7Page - Holtek Semiconductor Inc HT27LC010 Datasheet HTML 8Page - Holtek Semiconductor Inc HT27LC010 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC
Conditions
Programming Operation
tAS
Address Setup Time
6V
¾
2
¾¾
ms
tOES
OE Setup Time
6V
¾
2
¾¾
ms
tDS
Data Setup Time
6V
¾
2
¾¾
ms
tAH
Address Hold Time
6V
¾
0
¾¾
ms
tDH
Data Hold Time
6V
¾
2
¾¾
ms
tDFP
Output Enable to Output Float Delay
6V
¾
0
¾
130
ns
tVPS
VPP Setup Time
6V
¾
2
¾¾
ms
tPW
PGM Program Pulse Width
6V
¾
30
75
105
ms
tVCS
VCC Setup Time
6V
¾
2
¾¾
ms
tCES
CE Setup Time
6V
¾
2
¾¾
ms
tOE
Data Valid from OE
6V
¾¾
¾
150
ns
tPRT
VPP Pulse Rise Time During Programming
6V
¾
2
¾¾
ms
Test Waveforms and Measurements
Output Test Load
Note: CL=100pF including jig capacitance.
Product Identification Code
Code
Pins
Hex
Data
A0
A1
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
Manufacturer
0100011100
1C
Device Type
1100000001
01
Continuation
0001111111
7F
1001111111
7F
HT27LC010
Rev. 1.30
4
December 8, 2003
1 . 3 V
( 1 N 9 1 4 )
3 . 3 k W
O u t p u t P i n
C L
V D D
2 . 4 V
0 . 4 5 V
A C
M e a s u r e m e n t
L e v e l
A C D r i v i n g
L e v e l s
2 . 0 V
0 . 8 V
tR,tF< 20ns (10% to 90%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com