Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8761CY Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS8761CY
Description  LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8761CY Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS8761CY Datasheet HTML 1Page - Integrated Circuit Systems ICS8761CY Datasheet HTML 2Page - Integrated Circuit Systems ICS8761CY Datasheet HTML 3Page - Integrated Circuit Systems ICS8761CY Datasheet HTML 4Page - Integrated Circuit Systems ICS8761CY Datasheet HTML 5Page - Integrated Circuit Systems ICS8761CY Datasheet HTML 6Page - Integrated Circuit Systems ICS8761CY Datasheet HTML 7Page - Integrated Circuit Systems ICS8761CY Datasheet HTML 8Page - Integrated Circuit Systems ICS8761CY Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
8761CY
www.icst.com/products/hiperclocks.html
REV. C SEPTEMBER 7, 2004
2
Integrated
Circuit
Systems, Inc.
ICS8761
LOW VOLTAGE, LOW SKEW,
PCI / PCI-X CLOCK GENERATOR
TABLE 1. PIN DESCRIPTIONS
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
i
t
p
i
r
c
s
e
D
1K
L
C
_
F
E
Rt
u
p
n
In
w
o
d
ll
u
P.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
t
u
p
n
i
k
c
o
l
c
e
c
n
e
r
e
f
e
R
,
7
1
,
6
1
,
2
,
9
2
,
5
2
,
1
2
,
2
5
,
8
4
,
3
3
4
6
,
0
6
,
6
5
D
N
Gr
e
w
o
P.
d
n
u
o
r
g
y
l
p
p
u
s
r
e
w
o
P
4
,
3
,
1
L
A
T
X
2
L
A
T
X
t
u
p
n
I
.
t
u
p
t
u
o
e
h
t
s
i
2
L
A
T
X
.
t
u
p
n
i
e
h
t
s
i
1
L
A
T
X
.
e
c
a
f
r
e
t
n
i
r
o
t
a
ll
i
c
s
o
l
a
t
s
y
r
C
4
4
,
0
4
,
9
,
5V
D
D
r
e
w
o
P.
s
n
i
p
y
l
p
p
u
s
e
r
o
C
6L
E
S
_
L
A
T
Xt
u
p
n
Ip
u
ll
u
P
L
L
P
e
h
t
s
a
k
c
o
l
c
e
c
n
e
r
e
f
e
r
r
o
r
o
t
a
ll
i
c
s
o
l
a
t
s
y
r
c
n
e
e
w
t
e
b
s
t
c
e
l
e
S
K
L
C
_
F
E
R
s
t
c
e
l
e
S
.
H
G
I
H
n
e
h
w
s
t
u
p
n
i
L
A
T
X
s
t
c
e
l
e
S
.
e
c
r
u
o
s
e
c
n
e
r
e
f
e
r
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
W
O
L
n
e
h
w
7L
E
S
_
L
L
Pt
u
p
n
Ip
u
ll
u
P
.
L
L
P
s
t
c
e
l
e
s
,
H
G
I
H
n
e
h
W
.
e
d
o
m
s
s
a
p
y
b
d
n
a
L
L
P
n
e
e
w
t
e
b
s
t
c
e
l
e
S
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
k
c
o
l
c
e
c
n
e
r
e
f
e
r
s
t
c
e
l
e
s
,
W
O
L
n
e
h
W
8V
A
D
D
r
e
w
o
P.
g
n
i
r
e
t
li
f
r
o
f
e
t
o
N
s
n
o
i
t
a
c
il
p
p
A
e
e
S
.
n
i
p
y
l
p
p
u
s
g
o
l
a
n
A
1
1
,
0
1
,
0
C
L
E
S
_
D
1
C
L
E
S
_
D
t
u
p
n
In
w
o
d
ll
u
P
.
3
e
l
b
a
T
n
i
d
e
b
i
r
c
s
e
d
s
a
s
t
u
p
t
u
o
C
k
n
a
B
r
o
f
e
u
l
a
v
e
d
i
v
i
d
s
t
c
e
l
e
S
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
2
1C
E
Ot
u
p
n
Ip
u
ll
u
P
.
d
e
l
b
a
n
e
e
r
a
s
t
u
p
t
u
o
,
H
G
I
H
n
e
h
W
.
s
t
u
p
t
u
o
C
k
n
a
B
f
o
e
t
a
t
s
s
e
n
i
m
r
e
t
e
D
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
d
e
l
b
a
s
i
d
e
r
a
s
t
u
p
t
u
o
,
W
O
L
n
e
h
W
3
1A
E
Ot
u
p
n
Ip
u
ll
u
P
.
d
e
l
b
a
n
e
e
r
a
s
t
u
p
t
u
o
,
H
G
I
H
n
e
h
W
.
s
t
u
p
t
u
o
A
k
n
a
B
f
o
e
t
a
t
s
s
e
n
i
m
r
e
t
e
D
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
d
e
l
b
a
s
i
d
e
r
a
s
t
u
p
t
u
o
,
W
O
L
n
e
h
W
5
1
,
4
1
,
0
A
L
E
S
_
D
1
A
L
E
S
_
D
t
u
p
n
In
w
o
d
ll
u
P
.
3
e
l
b
a
T
n
i
d
e
b
i
r
c
s
e
d
s
a
s
t
u
p
t
u
o
A
k
n
a
B
r
o
f
e
u
l
a
v
r
e
d
i
v
i
d
s
t
c
e
l
e
S
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
,
0
2
,
8
1
4
2
,
2
2
,
1
A
Q
,
0
A
Q
3
A
Q
,
2
A
Q
t
u
p
t
u
O
5
1
.
s
t
u
p
t
u
o
k
c
o
l
c
A
k
n
a
B
Ω
.
e
c
n
a
d
e
p
m
i
t
u
p
t
u
o
l
a
c
i
p
y
t
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
3
2
,
9
1V
A
O
D
D
r
e
w
o
P.
s
t
u
p
t
u
o
A
k
n
a
B
r
o
f
s
n
i
p
y
l
p
p
u
s
t
u
p
t
u
O
,
8
2
,
6
2
2
3
,
0
3
,
1
B
Q
,
0
B
Q
3
B
Q
,
2
B
Q
t
u
p
t
u
O
5
1
.
s
t
u
p
t
u
o
k
c
o
l
c
B
k
n
a
B
Ω
.
e
c
n
a
d
e
p
m
i
t
u
p
t
u
o
l
a
c
i
p
y
t
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
1
3
,
7
2V
B
O
D
D
r
e
w
o
P.
s
t
u
p
t
u
o
B
k
n
a
B
r
o
f
s
n
i
p
y
l
p
p
u
s
t
u
p
t
u
O
5
3
,
4
3
,
1
B
L
E
S
_
D
0
B
L
E
S
_
D
t
u
p
n
In
w
o
d
ll
u
P
.
3
e
l
b
a
T
n
i
d
e
b
i
r
c
s
e
d
s
a
s
t
u
p
t
u
o
B
k
n
a
B
r
o
f
e
u
l
a
v
r
e
d
i
v
i
d
s
t
c
e
l
e
S
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
6
3B
E
Ot
u
p
n
Ip
u
ll
u
P
.
d
e
l
b
a
n
e
e
r
a
s
t
u
p
t
u
o
,
H
G
I
H
n
e
h
W
.
s
t
u
p
t
u
o
B
k
n
a
B
f
o
e
t
a
t
s
s
e
n
i
m
r
e
t
e
D
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
d
e
l
b
a
s
i
d
e
r
a
s
t
u
p
t
u
o
,
W
O
L
n
e
h
W
7
3D
E
Ot
u
p
n
Ip
u
ll
u
P
.
d
e
l
b
a
n
e
e
r
a
s
t
u
p
t
u
o
,
H
G
I
H
n
e
h
W
.
s
t
u
p
t
u
o
D
k
n
a
B
f
o
e
t
a
t
s
s
e
n
i
m
r
e
t
e
D
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
d
e
l
b
a
s
i
d
e
r
a
s
t
u
p
t
u
o
,
W
O
L
n
e
h
W
9
3
,
8
3
,
1
D
L
E
S
_
D
0
D
L
E
S
_
D
t
u
p
n
In
w
o
d
ll
u
P
.
3
e
l
b
a
T
n
i
d
e
b
i
r
c
s
e
d
s
a
s
t
u
p
t
u
o
D
k
n
a
B
r
o
f
e
u
l
a
v
r
e
d
i
v
i
d
s
t
c
e
l
e
S
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
1
4R
Mt
u
p
n
In
w
o
d
ll
u
P
s
r
e
d
i
v
i
d
l
a
n
r
e
t
n
i
e
h
t
,
H
G
I
H
c
i
g
o
l
n
e
h
W
.
t
e
s
e
r
r
e
t
s
a
M
H
G
I
H
e
v
i
t
c
A
l
a
n
r
e
t
n
i
e
h
t
,
W
O
L
c
i
g
o
l
n
e
h
W
.
w
o
l
o
g
o
t
s
t
u
p
t
u
o
e
h
t
g
n
i
s
u
a
c
t
e
s
e
r
e
r
a
.
d
e
l
b
a
n
e
e
r
a
s
t
u
p
t
u
o
e
h
t
d
n
a
s
r
e
d
i
v
i
d
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
2
41
L
E
S
_
V
I
D
B
Ft
u
p
n
In
w
o
d
ll
u
P
.
3
e
l
b
a
T
n
i
d
e
b
i
r
c
s
e
d
s
a
t
u
p
t
u
o
k
c
a
b
d
e
e
f
k
n
a
b
r
o
f
e
u
l
a
v
r
e
d
i
v
i
d
s
t
c
e
l
e
S
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
3
40
L
E
S
_
V
I
D
B
Ft
u
p
n
Ip
u
ll
u
P
.
3
e
l
b
a
T
n
i
d
e
b
i
r
c
s
e
d
s
a
t
u
p
t
u
o
k
c
a
b
d
e
e
f
k
n
a
b
r
o
f
e
u
l
a
v
r
e
d
i
v
i
d
s
t
c
e
l
e
S
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
5
4N
I
_
B
Ft
u
p
n
In
w
o
d
ll
u
P
o
r
e
z
"
h
t
i
w
s
k
c
o
l
c
g
n
i
t
a
r
e
n
e
g
r
o
f
r
o
t
c
e
t
e
d
e
s
a
h
p
o
t
t
u
p
n
i
k
c
a
b
d
e
e
F
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
"
y
a
l
e
d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com