Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8761CY Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS8761CY
Description  LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8761CY Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS8761CY Datasheet HTML 1Page - Integrated Circuit Systems ICS8761CY Datasheet HTML 2Page - Integrated Circuit Systems ICS8761CY Datasheet HTML 3Page - Integrated Circuit Systems ICS8761CY Datasheet HTML 4Page - Integrated Circuit Systems ICS8761CY Datasheet HTML 5Page - Integrated Circuit Systems ICS8761CY Datasheet HTML 6Page - Integrated Circuit Systems ICS8761CY Datasheet HTML 7Page - Integrated Circuit Systems ICS8761CY Datasheet HTML 8Page - Integrated Circuit Systems ICS8761CY Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
8761CY
www.icst.com/products/hiperclocks.html
REV. C SEPTEMBER 7, 2004
1
Integrated
Circuit
Systems, Inc.
ICS8761
LOW VOLTAGE, LOW SKEW,
PCI / PCI-X CLOCK GENERATOR
OEA
MR
D_SELA0
D_SELA1
REF_CLK
XTAL_SEL
FB_IN
PLL_SEL
OEB
D_SELB1
D_SELB0
OEC
D_SELC1
D_SELC0
OED
D_SELD1
D_SELD0
FBDIV_SEL1
FBDIV_SEL0
GENERAL DESCRIPTION
The ICS8761 is a low voltage, low skew PCI /
PCI-X Clock Generator and a member of the
HiPerClockS™family of High Performance Clock
Solutions from ICS. The ICS8761 has a selectable
REF_CLK or crystal input. The REF_CLK input
accepts LVCMOS or LVTTL input levels. The ICS8761 has a
fully integrated PLL along with frequency configurable clock
and feedback outputs for multiplying and regenerating clocks
with “zero delay”. Using a 20MHz or 25MHz crystal or a
33.333MHz or 66.666MHz reference frequency, the ICS8761
will generate output frequencies of 33.333MHz, 66.666MHz,
100MHz and 133.333MHz simultaneously.
The low impedance LVCMOS/LVTTL outputs of the ICS8761
are designed to drive 50
Ω series or parallel terminated
transmission lines.
FEATURES
• Fully integrated PLL
• 17 LVCMOS/LVTTL outputs, 15Ω typical output impedance
• Selectable crystal oscillator interface or
LVCMOS/LVTTL REF_CLK
• Maximum output frequency: 166.67MHz
• Maximum crystal input frequency: 38MHz
• Maximum REF_CLK input frequency: 83.33MHz
• Individual banks with selectable output dividers for
generating 33.333MHz, 66.66MHz, 100MHz and
133.333MHz simultaneously
• Separate feedback control for generating PCI / PCI-X
frequencies from a 20MHz or 25MHz crystal or 33.333MHz
or 66.666MHz reference frequency
• Cycle-to-cycle jitter: 70ps (maximum)
• Period jitter, RMS: 17ps (maximum)
• Output skew: 230ps (maximum)
• Bank skew: 40ps (maximum)
• Static phase offset: 0 ± 150ps (maximum)
• Full 3.3V or 3.3V core, 2.5V multiple output supply modes
• 0°C to 85°C ambient operating temperature
• Lead-Free package available
HiPerClockS™
ICS
BLOCK DIAGRAM
PIN ASSIGNMENT
XTAL1
XTAL2
QA0
QA1
QA2
QA3
QB0
QB1
QB2
QB3
FB_OUT
÷3
÷4
÷6
÷12
0 0
0 1
1 0
1 1
0
1
0 0
0 1
1 0
1 1
QC0
QC1
QC2
QC3
QD0
QD1
QD2
QD3
PLL
OSC
0
1
÷6
÷12
÷16
÷20
0 0
0 1
1 0
1 1
0 0
0 1
1 0
1 1
0 0
0 1
1 0
1 1
64-Lead LQFP
10mm x 10mm x 1.4mm package body
Y package
Top View
ICS8761
REF_CLK
GND
XTAL1
XTAL2
VDD
XTAL_SEL
PLL_SEL
VDDA
VDD
D_SELC0
D_SELC1
OEC
OEA
D_SELA0
D_SELA1
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
GND
FB_OUT
VDDOFB
FB_IN
VDD
FBDIV_SEL0
FBDIV_SEL1
MR
VDD
D_SELD0
D_SELD1
OED
OEB
D_SELB0
D_SELB1
GND
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49


Similar Part No. - ICS8761CY

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8761I IDT-ICS8761I Datasheet
290Kb / 16P
LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
More results

Similar Description - ICS8761CY

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9112-27 ICST-ICS9112-27 Datasheet
230Kb / 8P
Low Skew PCI / PCI-X Buffer
Rev B 02/27/01
logo
List of Unclassifed Man...
ICS87608I ETC-ICS87608I Datasheet
152Kb / 12P
LOW VOLTAGE/LOW SKEW, 1:8 PCI/PCI-X ZERO DELAY CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS2304NZ-1 ICST-ICS2304NZ-1 Datasheet
181Kb / 10P
LOW SKEW PCI/PCI-X BUFFER
Revision 062105
logo
Integrated Device Techn...
ICS8761I IDT-ICS8761I Datasheet
290Kb / 16P
LOW VOLTAGE, LOW SKEW, PCI / PCI-X CLOCK GENERATOR
ICS2304NZ-1 IDT-ICS2304NZ-1 Datasheet
133Kb / 11P
LOW SKEW PCI/PCI-X BUFFER
logo
Renesas Technology Corp
8761I RENESAS-8761I Datasheet
877Kb / 18P
Low Voltage, Low Skew, PCI / PCI-X Clock Generator
October 31, 2017
87604I RENESAS-87604I Datasheet
393Kb / 14P
Low Voltage/Low Skew, 1:4 PCI/PCI-X Zero Delay Clock Generator
11/11/15
87608I RENESAS-87608I Datasheet
353Kb / 16P
bLow Voltage/Low Skew, 1:8 PCI/PCI-X Zero Delay clock Generator
January 25, 2016
ICS2304NZ-1 RENESAS-ICS2304NZ-1 Datasheet
284Kb / 12P
LOW SKEW PCI/PCI-X BUFFER
110110
ICS9112-27 RENESAS-ICS9112-27 Datasheet
84Kb / 8P
Low Skew PCI / PCI-X Buffer
08/12/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com