Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP7119 Datasheet(PDF) 3 Page - Copal Electronics

Part # DP7119
Description  32-Tap Digital Potentiometers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7119 Datasheet(HTML) 3 Page - Copal Electronics

  DP7119 Datasheet HTML 1Page - Copal Electronics DP7119 Datasheet HTML 2Page - Copal Electronics DP7119 Datasheet HTML 3Page - Copal Electronics DP7119 Datasheet HTML 4Page - Copal Electronics DP7119 Datasheet HTML 5Page - Copal Electronics DP7119 Datasheet HTML 6Page - Copal Electronics DP7119 Datasheet HTML 7Page - Copal Electronics DP7119 Datasheet HTML 8Page - Copal Electronics DP7119 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DP7110, DP7118, DP7119, DP7123, DP7124, DP7125
3
Table 3. ELECTRICAL CHARACTERISTICS
(VDD = 2.7 V to 5.5 V, VH = VDD, VL = 0, TA = 40 C to +85 C. Typical values are at VDD = 2.7 V, TA = 25 C, unless otherwise noted.)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
DC PERFORMANCE
Resolution
32
Taps
End to End Resistance ( 00)
80
100
120
k
End to End Resistance ( 50)
40
50
60
End to End Resistance ( 10)
8
10
12
End to End Resistance Tempco
TCR
DP7110/18/19
200
ppm/ C
DP7123/24/25
30
300
Ratiometric Resistance Tempco
5
ppm/ C
Integral Nonlinearity
INL
0.5
1
LSB
Differential Nonlinearity
DNL
1
LSB
Full Scale Error
0.1
LSB
Zero Scale Error
1
LSB
Wiper Resistance
RW
DP7110/18/19
200
600
DP7123/24/25
80
200
DIGITAL INPUTS
Input High Voltage
VIH
0.7 x VDD
V
Input Low Voltage
VIL
0.3 x VDD
V
TIMING CHARACTERISTICS (Figures 7, 8)
U/D Mode to CS Setup
tCU
25
ns
CS to U/D Step Setup
tCI
50
ns
CS to U/D Step Hold
tIC
25
ns
U/D Step Low Period
tIL
25
ns
U/D Step High Period
tIH
25
ns
Up/Down Toggle Rate (Note 2)
fTOGGLE
1
MHz
Output Settling Time (Note 3)
tSETTLE
100 k
variable resistor
configuration, CL = 10 pF
1
s
100 k
potentiometer
configuration, CL = 10 pF
0.25
POWER SUPPLY
Supply Voltage
VDD
2.7
5.5
V
Active Supply Current (Note 4)
IDD
25
A
Standby Supply Current (Note 5)
ISB
VDD =+5V
0.3
1
A
2. Up/Down Toggle Rate: fTOGGLE = 1 / tSETTLE
3. Typical settling times are dependent on end to end resistance.
4. Supply current measureed while changing wiper tap, fTOGGLE = 1 MHz.
5. Supply current measureed while wiper position is fixed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com