Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP7119 Datasheet(PDF) 1 Page - Copal Electronics

Part # DP7119
Description  32-Tap Digital Potentiometers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7119 Datasheet(HTML) 1 Page - Copal Electronics

  DP7119 Datasheet HTML 1Page - Copal Electronics DP7119 Datasheet HTML 2Page - Copal Electronics DP7119 Datasheet HTML 3Page - Copal Electronics DP7119 Datasheet HTML 4Page - Copal Electronics DP7119 Datasheet HTML 5Page - Copal Electronics DP7119 Datasheet HTML 6Page - Copal Electronics DP7119 Datasheet HTML 7Page - Copal Electronics DP7119 Datasheet HTML 8Page - Copal Electronics DP7119 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
NIDEC COPAL ELECTRONICS CORP.
February, 2011
Rev. 11
1
Publication Order Number:
DP7110/D
DP7110, DP7118,
DP7119, DP7123,
DP7124, DP7125
32-Tap Digital Potentiometers
with 2-Wire Interface
Description
DP7110/18/19/23/24/25
linea taper
digital
potentiometers
perform the same function as a mechanical potentiometer
or
a
variable
resistor.
These
devices
consist
of
a
fixed
resistor and a wiper contact with 32 tap points that are digitally
controlled through a 2 wire up/down serial interface.
The DP7110 and DP7125 are configured as potentiometers. The
DP7118/19/23/24 are configured as variable resistors.
Three resistance values are available: 10 k ,50 k
and 100 k . All
devices are available in space saving 5 pin and 6 pin SOT 23
packages. The DP7110/18/19 are also available in the SC 70
package.
Features
0.3 A Ultra low Standby Current
Single supply Operation: 2.7 V to 5.5 V
Glitchless Switching between Resistor Taps
Power on Reset to Midscale
2 wire Up/Down Serial Interface
Resistance Values: 10 k , 50 k
and 100 k
Low Wiper Resistance: 80
for DP7123, DP7124, DP7125
DP7110, DP7118, DP7119 Available in S
70
These Devices are Pb Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
LCD Screen Adjustment
Volume Control
Mechanical Potentiometer Replacement
Gain Adjustment
Line Impedance Matching
PIN CONNECTIONS
(Top Views)
SC 70
SOT 23
See detailed ordering and shipping information in the package
dimensions section on page 11 of this data sheet.
ORDERING INFORMATION
GND
1
6 H
2
3
4
W
5
DP7110
DP7125
SOT 23
GND
16 H
2
34
W
5
DP7110
SC 70
GND
H
2
DP7118
DP7123
15
34
GND
H
2
DP7118
15
34
GND
H
L
5
34
GND
16 H
2
L
5
DP7119
DP7124
34
2
DP7119
16
U/D
VDD
CS
CS
VDD
U/D
SOT 23
SC 70
SOT 23
SC 70
CS
CS
VDD
VDD
U/D
CS
U/D
VDD
CS
U/D
U/D
VDD


Similar Part No. - DP7119

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
DP7111 COPAL-DP7111 Datasheet
184Kb / 12P
100-Tap Digital Potentiometer
DP7112 COPAL-DP7112 Datasheet
145Kb / 10P
32-Tap Digital Potentiometer
DP7113 COPAL-DP7113 Datasheet
173Kb / 12P
100-Tap Digital Potentiometer
DP7114 COPAL-DP7114 Datasheet
189Kb / 14P
32-Tap Digital Potentiometer
DP7115 COPAL-DP7115 Datasheet
178Kb / 12P
32-Tap Digital Potentiometer
More results

Similar Description - DP7119

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5460 MAXIM-MAX5460 Datasheet
264Kb / 10P
32-Tap FleaPoT?? 2-Wire Digital Potentiometers
Rev 2; 9/02
MAX5471 MAXIM-MAX5471 Datasheet
336Kb / 12P
32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5432 MAXIM-MAX5432 Datasheet
371Kb / 17P
32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
Rev 1; 12/04
MAX5432 MAXIM-MAX5432_07 Datasheet
320Kb / 19P
32-Tap, Nonvolatile, I2C, Linear, Digital Potentiometers
Rev 3; 11/07
MAX5471 MAXIM-MAX5471_06 Datasheet
297Kb / 12P
32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers in SOT23
19-3067; Rev 1; 2/06
MAX5460 MAXIM-MAX5460_05 Datasheet
242Kb / 10P
32-Tap FleaPoT, 2-Wire Digital Potentiometers
Rev 3; 11/05
logo
Copal Electronics
DP7112 COPAL-DP7112 Datasheet
145Kb / 10P
32-Tap Digital Potentiometer
DP7114 COPAL-DP7114 Datasheet
189Kb / 14P
32-Tap Digital Potentiometer
DP7115 COPAL-DP7115 Datasheet
178Kb / 12P
32-Tap Digital Potentiometer
logo
ON Semiconductor
CAT5127 ONSEMI-CAT5127_13 Datasheet
173Kb / 10P
32?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com