Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP7221 Datasheet(PDF) 8 Page - Copal Electronics

Part # DP7221
Description  Dual Digital Potentiometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7221 Datasheet(HTML) 8 Page - Copal Electronics

Back Button DP7221 Datasheet HTML 4Page - Copal Electronics DP7221 Datasheet HTML 5Page - Copal Electronics DP7221 Datasheet HTML 6Page - Copal Electronics DP7221 Datasheet HTML 7Page - Copal Electronics DP7221 Datasheet HTML 8Page - Copal Electronics DP7221 Datasheet HTML 9Page - Copal Electronics DP7221 Datasheet HTML 10Page - Copal Electronics DP7221 Datasheet HTML 11Page - Copal Electronics DP7221 Datasheet HTML 12Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
DP7221
Doc. No. MD-2113 Rev. K
8
© NIDEC COPAL ELECTRONICS CORP.
Characteristics subject to change without notice
INSTRUCTIONS AND REGISTER
DESCRIPTION
Instructions
SLAVE ADDRESS BYTE
The first byte sent to the DP7221 from the master/
processor is called the Slave/DP Address Byte. The
most significant four bits of the slave address are a
device type identifier. These bits for the DP7221 are
fixed at 0101[B] (refer to Table 1).
The next four bits, A3 - A0, are the internal slave
address and must match the physical device address
which is defined by the state of the A3 - A0 input pins
for the DP7221 to successfully continue the com–
mand sequence. Only the device which slave address
matches the incoming device address sent by the
master executes the instruction. The A3 - A0 inputs
can be actively driven by CMOS input signals or tied
to VCC or VSS.
INSTRUCTION BYTE
The next byte sent to the DP7221 contains the
instruction and register pointer information. The four
most significant bits used provide the instruction
opcode I [3:0]. The P0 bit points to one of the Wiper
Control Registers. The least two significant bits, R1
and R0, point to one of the four data registers of each
associated potentiometer. The format is shown in
Table 2.
Data Register Selection
Data Register Selected
R1
R0
DR0
0
0
DR1
0
1
DR2
1
0
DR3
1
1
Table 1. Identification Byte Format
Table 2. Instruction Byte Format
ID3
ID2
ID1
ID0
A3
A2
A1
A0
010
1
(MSB)
(LSB)
Device Type
Identifier
Slave Address
0
R
1
R
0
I
1
I
2
I
3
I
0P0
(MSB)
(LSB)
Instruction
Data Register
WCR/Pot Selection
n
o
i
t
c
e
l
e
S
e
d
o
c
p
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com