Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP7221 Datasheet(PDF) 2 Page - Copal Electronics

Part # DP7221
Description  Dual Digital Potentiometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7221 Datasheet(HTML) 2 Page - Copal Electronics

  DP7221 Datasheet HTML 1Page - Copal Electronics DP7221 Datasheet HTML 2Page - Copal Electronics DP7221 Datasheet HTML 3Page - Copal Electronics DP7221 Datasheet HTML 4Page - Copal Electronics DP7221 Datasheet HTML 5Page - Copal Electronics DP7221 Datasheet HTML 6Page - Copal Electronics DP7221 Datasheet HTML 7Page - Copal Electronics DP7221 Datasheet HTML 8Page - Copal Electronics DP7221 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
DP7221
Doc. No. MD-2113 Rev. K
2
© NIDEC COPAL ELECTRONICS CORP.
Characteristics subject to change without notice
PIN DESCRIPTION
Pin (SOIC)
Name
Function
1RW0
Wiper Terminal for Potentiometer 0
2RL0
Low Reference Terminal for Potentiometer 0
3RH0
High Reference Terminal for Potentiometer 0
4
A0
Device Address, LSB
5
A2
Device Address
6RW1
Wiper Terminal for Potentiometer 1
7RL1
Low Reference Terminal for Potentiometer 1
8RH1
High Reference Terminal for Potentiometer 1
9
SDA
Serial Data Input/Output
10
GND
Ground
11
NC
No Connect
12
NC
No Connect
13
NC
No Connect
14
SCL
Bus Serial Clock
15
A3
Device Address
16
A1
Device Address
17
NC
No Connect
18
NC
No Connect
19
NC
No Connect
20
VCC
Supply Voltage
PIN DESCRIPTION
SCL: Serial Clock
The DP7221 serial clock input pin is used to clock
all data transfers into or out of the device.
SDA: Serial Data
The DP7221 bidirectional serial data pin is used to
transfer data into and out of the device. The SDA pin
is an open drain output and can be wire-Or'd with
the other open drain or open collector outputs.
A0, A1, A2, A3: Device Address Inputs
These
inputs
set
the
device
address
when
addressing multiple devices. A total of sixteen
devices can be addressed on a single bus. A match
in the slave address must be made with the address
input in order to initiate communication with the
DP7221.
RH, RL: Resistor End Points
The two sets of RH and RL pins are equivalent to the
terminal connections on a mechanical potentiometer.
RW: Wiper
The two RW pins are equivalent to the wiper terminal
of a mechanical potentiometer.
DEVICE OPERATION
The DP7221 is two resistor arrays integrated with 2-
wire serial interface logic, two 6-bit wiper control
registers and eight 6-bit, non-volatile memory data
registers. Each resistor array contains 63 separate
resistive elements connected in series. The physical
ends of each array are equivalent to the fixed terminals
of a mechanical potentiometer (RH and RL). RH and RL
are symmetrical and may be interchanged. The tap
positions between and at the ends of the series resis–
tors are connected to the output wiper terminals (RW)by
a CMOS transistor switch. Only one tap point for each
potentiometer is connected to its wiper terminal at a
time and is determined by the value of the wiper control
register. Data can be read or written to the wiper control
registers or the non-volatile memory data registers via
the 2-wire bus. Additional instructions allow data to be
transferred between the wiper control registers and
each
respective
potentiometer's
non-volatile
data
registers. Also, the device can be instructed to operate
in an "increment/decrement" mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com