Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS-4-14XC Datasheet(PDF) 7 Page - Copal Electronics

Part # CS-4-14XC
Description  ROTARY SELECTOR SWITCHES (SMD)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CS-4-14XC Datasheet(HTML) 7 Page - Copal Electronics

  CS-4-14XC Datasheet HTML 1Page - Copal Electronics CS-4-14XC Datasheet HTML 2Page - Copal Electronics CS-4-14XC Datasheet HTML 3Page - Copal Electronics CS-4-14XC Datasheet HTML 4Page - Copal Electronics CS-4-14XC Datasheet HTML 5Page - Copal Electronics CS-4-14XC Datasheet HTML 6Page - Copal Electronics CS-4-14XC Datasheet HTML 7Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
CS-4
ROTARY SELECTOR SWITCHES (SMD)
■ PACKAGING SPECIFICATIONS
<Taping packaging specifications>
O Taping version is packaged in 500 pcs. per reel.
Orders will be accepted for units of 500 pcs., i.e., 500,
1000, 1500 pcs., etc.
Maximum number of consecutive missing pieces=2
Leader length and reel dimension are shown in the dia-
grams below:
O Taping version is boxed with 4 reels (2000 pcs.).
O Embossed tape dimensions
(Unit: mm)
O Reel dimensions
(Unit: mm)
(Conforms to JIS C 0806-3)
(In accordance with EIAJ ET-7200A)
O CS-4- □□□ TA/CS-4- □□□ TB
(Conforms to JIS C 0806)
40 mm min.
20 pitches min.
400 mm min.
Direction of feed
End
Head
Empty
Filled
Empty
Leader
21
±0.8
φ
φ
φ 13±0.2
2
±0.5
180
0
–1.5
15.4
±1
13
+1
0
φ1.5+0.1
0
40.1
80.1
Direction of feed
0.30.1
2.7
Installation example
(CS-4A)
20.05
<Bulk pack specifications>
O The smallest unit of bulk pack in a plastic bag is 10 pcs.
per pack. Orders will be accepted for unit of minimum 10
pcs., i.e., 10, 20, 30 pcs. , etc.
O Boxing of bulk in a plastic bag is performed with 50 pcs.
(standard 500 pcs.) per box.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com