Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS-4-14XC Datasheet(PDF) 3 Page - Copal Electronics

Part # CS-4-14XC
Description  ROTARY SELECTOR SWITCHES (SMD)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CS-4-14XC Datasheet(HTML) 3 Page - Copal Electronics

  CS-4-14XC Datasheet HTML 1Page - Copal Electronics CS-4-14XC Datasheet HTML 2Page - Copal Electronics CS-4-14XC Datasheet HTML 3Page - Copal Electronics CS-4-14XC Datasheet HTML 4Page - Copal Electronics CS-4-14XC Datasheet HTML 5Page - Copal Electronics CS-4-14XC Datasheet HTML 6Page - Copal Electronics CS-4-14XC Datasheet HTML 7Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CS-4
ROTARY SELECTOR SWITCHES (SMD)
■ STANDARD SPECIFICATIONS
Circuit type
Operating temperature range
Storage temperature range
Sealing
Net weight
1 pole 2 contacts
2 poles 2 contacts
1 pole 3 contacts
1 pole 4 contacts
−25 ~ 70 °C
−40 ~ 70 °C
Washable by “O” ring
※ Please refer to page 150, 151
Approx. 0.08 g (CS-4-12, CS-4-13)
Approx. 0.1 g (CS-4-14, CS-4-22)
Contact rating
Maximum current
Minimum current
Maximum voltage
Minimum voltage
Contact timing
Contact resistance
Insulation resistance
Dielectric strength
0.5 VA
100 mA
1
μA
16 V
20 mV
Non-shorting
100 m
Ω maximum
100 M
Ω (DC500 V) minimum
AC500 V, 60 s
■ MECHANICAL CHARACTERISTICS
■ ELECTRICAL CHARACTERISTICS
■ ENVIRONMENTAL CHARACTERISTICS
〈Reflow profile for soldering heat evaluation〉
Reflow : two times maximum
Peak : 250
Over 230 C
Pre Heating Zone
180 C
(C)
250
200
150
100
50
150 C
90 30 s
30 10 s
Soldering Zone
Heating time
C
+5
0
Vibration
Shock
Load life
Humidity (Steady state)
High temperature exposure
Low temperature exposure
Thermal shock
Amplitude 1.5 mm or
Acceleration 98 m/s2,
10-500-10 Hz,
3 directions for 2 h each
490 m/s2, 11 ms
6 directions for 3 times each
200 cycles minimum
DC16 V, 30 mA
40 °C, Relative humidity 90 ~ 95 %, 48 h
70 °C, 16 h
−40 °C, 16 h
−40 (0.5 h) ~ 70 °C (0.5 h), 5 cycles
No. of positions
Adjustment torque
Stopper strength
Stepping angle
2, 3, 4
10 mN·m {102 gf·cm} maximum
25 mN·m {255 gf·cm} minimum
45°
90° (CS-4-12X only)
245
± 3 °C, 2 ~ 3 s
Flow : 260
± 3 °C as the temperature
in a pot of molten solder,
immersion from head of ter-
minal to backside of board,
5 ~ 6 s, two times maximum
Reflow : Peak temperature 255 °C
(Please refer to the profile below.)
Manual soldering
:350
± 10 °C, 3 ~ 4 s
Soldering heat
Shear (Adhesion)
5 N {0.51 kgf}, 10 s
Substrate bending
Width 90 mm, bend 3 mm, 5 s, 1 time
Pull-off strength
5 N {0.51 kgf}, 10 s
{ } : Reference only



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com