Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS021S Datasheet(PDF) 8 Page - International Rectifier

Part # IPS021S
Description  FULLY PROTECTED POWER MOSFET SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS021S Datasheet(HTML) 8 Page - International Rectifier

Back Button IPS021S Datasheet HTML 3Page - International Rectifier IPS021S Datasheet HTML 4Page - International Rectifier IPS021S Datasheet HTML 5Page - International Rectifier IPS021S Datasheet HTML 6Page - International Rectifier IPS021S Datasheet HTML 7Page - International Rectifier IPS021S Datasheet HTML 8Page - International Rectifier IPS021S Datasheet HTML 9Page - International Rectifier IPS021S Datasheet HTML 10Page - International Rectifier IPS021S Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
IPS021(S)
8
www.irf.com
Figure 15b - Max. Iclamp (A) Vs Inductive Load
(mH) IPS021S
0.1
1
10
0.01
0.1
1
1 0
100
single pulse
100 Hz rth=60°C/W dT=25°C
1kHz
rth=60°C/W dT=25°C
Vbat = 14 V
Tjini = T sd
Figure 14 - Ids (A) Vs Protection Resp. Time (s)
IPS021 & IPS021S
1
10
100
T=25°C Std. footprint
T=100°C Std. footprint
Current path capability
should be above this curve
Load characteristic should
be below this curve
Figure 15a - Iclamp (A) Vs Inductive Load (mH)
IPS021
Figure 13 - Max.Cont. Ids (A)
Vs Amb. Temperature (oC) IPS021/IPS021S
0.1
1
10
0. 01
0. 1
1
10
100
single pulse m ax. curr ent
100 Hz rth=60°C/W dT=25°C
1k Hz
r th=60°C/W dT=25°C
Vbat = 14 V
Tjini = T sd
0
1
2
3
4
5
6
7
8
-50
0
50
100
150
200
rth = 5°C/W
rth = 15°C/W
1" footprint
35°C/W
std. footprint 60°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com