Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPS021S Datasheet(PDF) 1 Page - International Rectifier

Part # IPS021S
Description  FULLY PROTECTED POWER MOSFET SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS021S Datasheet(HTML) 1 Page - International Rectifier

  IPS021S Datasheet HTML 1Page - International Rectifier IPS021S Datasheet HTML 2Page - International Rectifier IPS021S Datasheet HTML 3Page - International Rectifier IPS021S Datasheet HTML 4Page - International Rectifier IPS021S Datasheet HTML 5Page - International Rectifier IPS021S Datasheet HTML 6Page - International Rectifier IPS021S Datasheet HTML 7Page - International Rectifier IPS021S Datasheet HTML 8Page - International Rectifier IPS021S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Features
• Over temperature shutdown
• Over current shutdown
• Active clamp
• Low current & logic level input
• E.S.D protection
IPS021(S)
FULLY PROTECTED POWER MOSFET SWITCH
Data Sheet No.PD 60148-K
Description
The IPS021/IPS021S are fully protected three terminal
SMART POWER MOSFETs that feature over-current,
over-temperature, ESD protection and drain to source
active clamp.These devices combine a HEXFET®
POWER MOSFET and a gate driver. They offer full
protection and high reliability required in harsh envi-
ronments. The driver allows short switching times
and provides efficient protection by turning OFF the
power MOSFET when the temperature exceeds 165
oC
or when the drain current reaches 5A. These devices
restart once the input is cycled. The avalanche capa-
bility is significantly enhanced by the active clamp
and covers most inductive load demagnetizations.
Packages
Product Summary
Rds(on)
150m
Ω (max)
V clamp
50V
Ishutdown
5A
Ton/Toff
1.5
µs
3-Lead D2Pak
IPS021S
3-Lead TO-220
IPS021
www.irf.com
1
Typical Connection
S
Q
Load
D
S
control
IN
R in series
(if needed)
Logic signal
(Refer to lead assignment for correct pin configuration)


Similar Part No. - IPS021S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS021STRR IRF-IPS021STRR Datasheet
153Kb / 12P
FULLY PROTECTED POWER MOSFET SWITCH
More results

Similar Description - IPS021S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS022G IRF-IPS022G Datasheet
95Kb / 10P
DUAL FULLY PROTECTED POWER MOSFET SWITCH
IPS024G IRF-IPS024G Datasheet
102Kb / 10P
QUAD FULLY PROTECTED POWER MOSFET SWITCH
IPS041L IRF-IPS041L Datasheet
109Kb / 11P
FULLY PROTECTED POWER MOSFET SWITCH
IPS021L IRF-IPS021L Datasheet
110Kb / 11P
FULLY PROTECTED POWER MOSFET SWITCH
IPS0151 IRF-IPS0151 Datasheet
163Kb / 12P
FULLY PROTECTED POWER MOSFET SWITCH
IPS031 IRF-IPS031 Datasheet
135Kb / 11P
FULLY PROTECTED POWER MOSFET SWITCH
IPS0551T IRF-IPS0551T Datasheet
106Kb / 10P
FULLY PROTECTED POWER MOSFET SWITCH
IPS031R IRF-IPS031R Datasheet
157Kb / 11P
FULLY PROTECTED POWER MOSFET SWITCH
IRSF3011LTR IRF-IRSF3011LTR Datasheet
293Kb / 13P
FULLY PROTECTED POWER MOSFET SWITCH
IPS021STRR IRF-IPS021STRR Datasheet
153Kb / 12P
FULLY PROTECTED POWER MOSFET SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com