Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA6021 Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # DA6021
Description  DA6021 Highly integrated power management IC for new
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA6021 Datasheet(HTML) 1 Page - Dialog Semiconductor

  DA6021 Datasheet HTML 1Page - Dialog Semiconductor DA6021 Datasheet HTML 2Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Description
The DA6021 PMIC is a monolithic single chip power management IC for the next generation Intel® Atom™
processor. It provides all power supplies for tablet PC’s and can also be used in multiple embedded
applications as well as Netbooks and Nettops. It is designed to support platforms based on Intel’s new
Atom processor series, including DDR3 memory and various peripherals.
Integrated power management
Dialog Semiconductor’s new DA6021 uses a single supply voltage at a wide range of input voltage and provides low noise supplies to all SoC voltage domains, DDR3
memory and many peripherals.
The DA6021 integrates 6 high performance low dropout (LDO) voltage regulators using Dialog’s patented Smart Mirror™ technology for very low quiescent current.
It includes 11 internal power switches and the control logic for 9 external switching devices. These include in-rush current control for platform power distribution
simplification. Six fully integrated high efficiency DC-DC buck converters provide current to Intel Atom platform’s various low voltage domains as well as to the
memory and the peripherals. Two buck-boost and one boost converter also supply energy towards the platform. All nine regulators are designed to support external
component height of 1mm. Dependant on the input voltage (single battery cell or 5V DC supply) the buck regulators will run preferably at 6MHz.
Ultra flexible power sequencer
The ultra flexible power sequencer takes care of the complete platform start-up, state-transitioning and power-down procedure. The DA6021 operates autonomously
and reduces the power consumption when entering stand-by or power down mode. The DA6021 is fully programmable and allows adapting to all Intel Atom
processor and platform sequences. The OTP programmed power sequence is copied into operational registers during power-up. Those registers can be overwritten
by EEPROM after initial OTP copy routine or via operational processor.
Auxiliary function
An analogue to digital converter (ADC) with 10-bit resolution combined with a multi-channel input multiplexer is implemented, which allows to measure the input
supply voltage, battery ID, PMIC die temperature as well as 5 battery pack & system temperatures. The number of external components is significantly further reduced
by 16 GPIO’s, 3 channel PWM output signal generators, a multi-input detector with a charger control as well as a programmable IRQ controller.
Product Brief
DA6021 Highly integrated power management IC for new
generation Intel® Atom™ processor
Features
•
Two high efficiency buck converters with integrated SVID interface
running IMVP-7 protocol. These two quad phase DC/DC regulators
generate the voltages for CPU and graphic cores.
•
One dual phase buck regulator for memory supply supporting DDR3 L and
LP memory types
•
3 single phase buck regulators supplying 1.0V, 1.05V and 1.8V towards the
platform
•
2 buck-boost converters generating 2.85V and 3.3V towards the platform
even if the input supply is down to 2.7V
•
Boost converter providing 5V towards the USB components
•
3 LDOs with fixed output voltage
•
2 LDOs with programmable output voltage
•
1 push-pull LDO used for DDR3 address line termination
•
11 integrated power rail switching devices
•
9 external power rail switching devices controlled by the PMIC
•
Ultra flexible power sequencer programmable via OTP/
EEPROM and register
•
I2C communication interface
•
EEPROM interface for optional OTP over-writing
•
16 general purpose I/Os with alternate functions
•
16 channel 10-bit ADC including conditioning circuits and programmable
flexible sequencing for automatic and manual measurements
•
System voltage and temperature monitoring, supervising
•
Programmable IRQ controller
•
1-wire digital battery interface including 2-wire conversion
•
3 channel PWM signal generation, flexible frequency and duty cycle
programmable
•
Input power source detection, including by charger current control


Similar Part No. - DA6021

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA6021 RENESAS-DA6021 Datasheet
4Mb / 225P
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
31-Jan-14
More results

Similar Description - DA6021

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DA6011-02HDA1 ETC2-DA6011-02HDA1 Datasheet
305Kb / 2P
DA6011 Highly integrated power and clock supply IC for new generation Intel Atom processor
logo
Intersil Corporation
ISL95852 INTERSIL-ISL95852 Datasheet
109Kb / 2P
Integrated Power Management IC For IMVP8™ Platforms
September 10, 2015
ISL95906 INTERSIL-ISL95906 Datasheet
126Kb / 2P
Integrated Power Management IC for VR12.6??Platform
December 24, 2014
ISL95908 INTERSIL-ISL95908 Datasheet
128Kb / 2P
Integrated Power Management IC For IMVP8™ Platforms
April 10, 2015
logo
Texas Instruments
BQ25120 TI1-BQ25120_16 Datasheet
2Mb / 68P
Highly Integrated Battery Charge Management Solution
logo
Dialog Semiconductor
DA6001 DIALOG-DA6001 Datasheet
836Kb / 3P
Highly integrated power and Clock supply IC for new
logo
Renesas Technology Corp
ISL95852 RENESAS-ISL95852 Datasheet
189Kb / 2P
Integrated Power Management IC for IMVP8??Platforms
ISL95906 RENESAS-ISL95906 Datasheet
193Kb / 2P
Integrated Power Management IC for VR12.6??Platforms
logo
STMicroelectronics
STPMIC1 STMICROELECTRONICS-STPMIC1 Datasheet
8Mb / 140P
Highly integrated power management IC for micro processor units
Rev 7 - December 2020
logo
Renesas Technology Corp
DA6021 RENESAS-DA6021 Datasheet
4Mb / 225P
HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR
31-Jan-14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com