Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA6021 Datasheet(PDF) 2 Page - Dialog Semiconductor

Part # DA6021
Description  DA6021 Highly integrated power management IC for new
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA6021 Datasheet(HTML) 2 Page - Dialog Semiconductor

  DA6021 Datasheet HTML 1Page - Dialog Semiconductor DA6021 Datasheet HTML 2Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
This publication is issued to provide outline information only, which (unless agreed by Dialog Semiconductor in writing) may not be used, applied or reproduced for
any purpose or form part of any order or contract or be regarded as a representation relating to products or services concerned. Dialog Semiconductor reserves the
right to alter without notice the specification, design, price or conditions of supply of the product. Customer takes note that Dialog Semiconductor’s products are not
designed for use in devices or systems intended for supporting or monitoring life nor for surgical implants into the body. Customer shall notify the company of any
such intended use so that Dialog Semiconductor may determine suitability. Customer agrees to indemnify Dialog Semiconductor for all damages that may be incur-
red due to use without the company’s prior written permission of products in such applications. © Dialog Semiconductor 2011. All rights reserved.
Dialog Semiconductor worldwide offices
Germany - Headquarters
Phone: +49 7021 805-0
Japan
Phone: +81 3 5425 4567
United Kingdom
Phone: +44 1793 757700
The Netherlands
Phone: +31 73 640 88 22
North America
Phone: +1 408 727 3200
Korea
Phone: +82 2 569 2301
China
Phone: +852 2607 4271
Singapore
Phone: +65 64845419
Taiwan
Phone: + 886 281 786 222
DA6021 PMIC block diagram
Applications
•
Tablet PCs
•
Embedded applications
•
Embedded PCs
•
Vehicle command systems
•
Telematic devices
•
Car navigation systems
•
Mobile internet devices
•
Netbooks
•
Nettops
Key Features
•
Fully integrated PMIC at smallest footprint and PCB area
•
Ultra flexible programmable state-machine
•
Support of various system memory types
•
Many integrated auxiliary functions reducing external component
count
Package
•
325 pin FCBGA 11x6mm, 0.4mm pitch



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com