Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9052 Datasheet(PDF) 2 Page - Dialog Semiconductor

Part # DA9052
Description  Flexible system PMIC with high-efficiency USB power manager
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9052 Datasheet(HTML) 2 Page - Dialog Semiconductor

  DA9052 Datasheet HTML 1Page - Dialog Semiconductor DA9052 Datasheet HTML 2Page - Dialog Semiconductor DA9052 Datasheet HTML 3Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.dialog-semiconductor.com
Features
► Switched DC/USB charger with power-path
management
► Four buck converters, 0.5 V to 3.6 V up to 800 mA
► DVS support
► Ten programmable LDOs, LDO9 is accuate to 1 %,
all other LDOs to 3 %
► Low-power backup battery charger 1.1 V to 3.1 V,
up to 6 mA
► 32 kHz Real Time Clock (RTC) oscillator
► 10-channel general purpose ADC with touch screen
interface with pen down detect
► High-voltage white LED driver >24 V / 78 mA
boost, three strings
► Sixteen flexible GPIO pins for enhanced wakeup
and peripheral control
► 2-wire and 4-wire control interfaces
► System watchdog function
► -40 °C to +125 °C junction temperature operation
Typical applications
► Personal media players
► Smartphones
► Personal navigation devices
► Consumer and in-vehicle infotainment devices
► IoT devices
Block diagram
800 mA
800 mA
750 mA
750 mA
78 mA
1260 mA
100 mA
200 mA
150 mA
100 mA
150 mA
200 mA
200 mA
100 mA
250 mA
6 mA
Single cell
Li-Ion
LDO1
LDO2
LDO3
LDO4
BUCKCORE
BUCKPRO
BUCKMEM
BUCKPERI
LDO5
Backlight boost
Charger
Backup battery charger
LDO10
Power
manager
RTC
Multiplexed
I/O
extender
General
purpose
10-bit ADC
40 mA
LDO9
LDO6
LDO7
LDO8
DA9052



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com