Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9052 Datasheet(PDF) 3 Page - Dialog Semiconductor

Part # DA9052
Description  Flexible system PMIC with high-efficiency USB power manager
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9052 Datasheet(HTML) 3 Page - Dialog Semiconductor

  DA9052 Datasheet HTML 1Page - Dialog Semiconductor DA9052 Datasheet HTML 2Page - Dialog Semiconductor DA9052 Datasheet HTML 3Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
This publication provides outline information only, which unless agreed by Dialog Semiconductor may not
be used, applied or reproduced for any purpose, or be regarded as a representation relating to products.
Please refer to Dialog standard supply terms on the company website (www.dialog-semiconductor.com).
© Dialog Semiconductor 2015. All rights reserved. DA9052 PB 2v0
United Kingdom
Phone: +44 1793 757700
Germany
Phone: +49 7021 805-0
Dialog Semiconductor Worldwide Sales Offices - www.dialog-semiconductor.com
email: info@diasemi.com
The Netherlands
Phone: +31 73 640 88 22
North America
Phone: +1 408 845 8500
Japan
Phone: +81 3 5425 4567
Taiwan
Phone: +886 281 786 222
Singapore
Phone: +65 648 499 29
Hong Kong
Phone: +852 3769 5200
Korea
Phone: +82 2 3469 8200
China (Shenzhen)
Phone: +86 755 2981 3669
China (Shanghai)
Phone: +86 21 5424 9058
Regulator
Supplied voltage
Supplied
max.
current
External
component
Notes
BUCKCORE
0.5 V to 2.075 V
±3 % accuracy
800 mA
2.2 μH to 4.7 µH
DVS, 2 MHz, 25 mV steps,
DVS ramp with controlled slew rate, pull-
down resistor
BUCKPRO
0.5 V to 2.075 V
±3 % accuracy
800 mA
2.2 μH to 4.7 µH
DVS, 2 MHz, 25 mV steps,
DVS ramp with controlled slew rate, pull-
down resistor
BUCKPERI
1.8 V to 3.6 V
±3 % accuracy
750 mA
2.2 μH to 4.7 µH
2 MHz, 50/100 mV steps
BUCKMEM
0.925 V to 2.5 V
±3 % accuracy
750 mA
2.2 μH to 4.7 µH
DVS, 2 MHz, 25 mV steps,
DVS ramp with controlled slew rate, pull-
down resistor
LDO1
0.6 V to 1.8 V
±3 % accuracy
40 mA
1.0 µF
High PSRR, low noise LDO, 50 mV steps
LDO2
0.6 V to 1.8 V
±3 % accuracy
100 mA
1.0 µF
DVS, digital LDO, 25 mV steps, DVS with
controlled slew rate
LDO3
1.725 V to 3.3 V
±3 % accuracy
200 mA
2.2 µF
DVS, digital LDO, 25 mV steps, DVS with
controlled slew rate
LDO4
1.725 V to 3.3 V
±3 % accuracy
150 mA
2.2 µF
Digital LDO, 25 mV steps, optional hardware
control via GPI
LDO5
1.2 V to 3.6 V
±3 % accuracy
100 mA
1.0 µF
Digital LDO, 50 mV steps, optional hardware
control via GPI
LDO6
1.2 V to 3.6 V
±3 % accuracy
150 mA
2.2 µF
High PSRR, low noise, 50 mV steps
LDO7
1.2 V to 3.6 V
±3 % accuracy
200 mA
2.2 µF
High PSRR, low noise, 50 mV steps
LDO8
1.2 V to 3.6 V
±3 % accuracy
200 mA
2.2 µF
High PSRR, low noise, 50 mV steps
LDO9
1.25 V to 3.6 V
±1 % accuracy
100 mA
1.0 µF
High PSRR, low noise, 50 mV steps, optional
hardware control via GPI
LDO10
1.2 V to 3.6 V
±3 % accuracy
250 mA
2.2 µF
High PSRR, low noise, 50 mV steps
Generated supply domains



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com