Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH04040WAS Datasheet(PDF) 2 Page - Artesyn Technologies

Part # PTH04040WAS
Description  3.3 / 5.0 Vin Single Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

PTH04040WAS Datasheet(HTML) 2 Page - Artesyn Technologies

  PTH04040WAS Datasheet HTML 1Page - Artesyn Technologies PTH04040WAS Datasheet HTML 2Page - Artesyn Technologies PTH04040WAS Datasheet HTML 3Page - Artesyn Technologies PTH04040WAS Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PTH04040 Data Sheet
Ordering Information
Model
Number (9)
Output Power
(Max.)
Input
Voltage
Output
Voltage
Output Current
(Min.)
Output Current
(Max.)
Efficiency
(Typical)
Regulation
Line
Load
PTH04040W
150 W
2.95 - 5.5 V
0.8 - 2.5 V
0 A
60 A
93%
±5 mV
±5 mV
Notes:
1. The set-point voltage tolerance is affected by the tolerance and stability of RSET. The
stated limit is unconditionally met if RSET has a tolerance of 1% with 100 ppm/ºC or better
temperature stability.
2. This control pin has an internal pull-up to Vin nominal. If it is left open-circuit the module will
operate when input power is applied. A small low-leakage (<100 nA) MOSFET is recommend
for control. For further information, consult Application Note 192.
3. A 1000 μF input capacitor is required for proper operation. The capacitor must be rated for a
minimum of 400 mA rms of ripple current.
4. This is with a 1 A/μs loadstep, 50 to 100% Iomax. Co = 660 μF.
5. The minimum input voltage is 2.95 V or 1.34 x Vo, whichever is greater.
6. These are default voltages. They may be adjusted using the ‘UVLO Prog.’ control input. Consult
Application Note 192 for further details.
7. See Figures 1 and 2 for safe operating curves. All power pins must be used.
8. A small low-leakage (<100 nA) MOSFET is recommended to control this pin. The open-circuit
voltage is less than 1 Vdc.
9. NOTICE: Some models do not support all options. Please contact your local Artesyn
representative or use the on-line model number search tool at http://www.artesyn.com/power
to find a suitable alternative.
General Specifications
Efficiency
(See Efficiency Table)
93% max.
Insulation voltage
Non-isolated
Switching frequency
825 MHz
Approvals and
standards
EN60950, UL/cUL60950
Material flammability
UL94V-0
Dimensions
L x W x H
51.94 x 26.54 x 9.07 mm
2.045 x 1.045 x 0.357 in
Weight
22.5 g (79 oz)
MTBF
Telcordia SR-332
2,100,000 hours
Environmental Specifications
Thermal performance
Operating ambient temperature
Non-operating temperature
-40 °C to +85 °C
-40 °C to +125 °C
MSL (‘Z’ suffix only)
JEDEC J-STD-020C
Level 3
Protection
Short-circuit
Auto reset
90 A typical
Thermal
Auto recovery
Output Voltage Adjustment
The ultra-wide output voltage trim range offers major advantages to users who
select the PTH04040W. It is no longer necessary to purchase a variety of
modules in order to cover different output voltages. The output voltage can be
trimmed in a range of 0.8 Vdc to 2.5 Vdc. When the PTH04040W converter
leaves the factory the output has been adjusted to the default voltage of 0.8 V.
EMC Characteristics
Electrostatic discharge
EN61000-4-2, IEC801-2
Conducted immunity
EN61000-4-6
Radiated immunity
EN61000-4-3
Part Number System with Options
PTH
04
04
0
W
A
S
Product Family
Point-of-Load
Alliance compatible
Pin Option
Output Current
04 = 60 A
Output Voltage
Code
W = Wide
Mechanical
Package
Always 0
Mounting Options
D = Horizontal through-
hole (Matte Sn)
Z = Surface-mount
(96.5/3.0/0.5 Sn/Ag/Cu
pin solder material
Input Voltage
04 = 2.95 - 5.5 Vdc
Efficiency Table (Io = 45 A; Vin = 5 V)
Output Voltage
Efficiency
Vo = 1.2 V
86%
Vo = 1.5 V
88%
Vo = 1.8 V
90%
Vo = 2.5 V
93%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com