Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH04040WAS Datasheet(PDF) 3 Page - Artesyn Technologies

Part # PTH04040WAS
Description  3.3 / 5.0 Vin Single Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

PTH04040WAS Datasheet(HTML) 3 Page - Artesyn Technologies

  PTH04040WAS Datasheet HTML 1Page - Artesyn Technologies PTH04040WAS Datasheet HTML 2Page - Artesyn Technologies PTH04040WAS Datasheet HTML 3Page - Artesyn Technologies PTH04040WAS Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PTH04040 Data Sheet
20
30
40
50
60
80
Nat conv
200 LFM
400 LFM
90
70
OUTPUT CURRENT (A)
0
10
20
30
40
50
60
20
30
40
50
60
80
Nat conv
200 LFM
400 LFM
90
70
OUTPUT CURRENT (A)
0
10
20
30
40
50
60
Figure 1 - Safe Operating Area
Vin = 3.3 V (See Note A)
Figure 2 - Safe Operating Area
Vin = 5 V (See Note A)
60
70
80
90
100
OUTPUT CURRENT (A)
50
0
10
20
30
40
50
2.5V
1.8V
Vout
60
1.5V
1.2V
Figure 3 - E ciency vs Load Current
Vin = 5 V (See Note B)
60
70
80
90
100
OUTPUT CURRENT (A)
50
0
10
20
30
40
50
1.5V
1.0V
Vout
60
Figure 4 - E ciency vs Load Current
Vin = 3.3 V (See Note B)
19
20
18
11
9
12
15
14
17
16
13
10
5
3
1
7
8
6
4
2
GND
GND
Inhibit
Vo Adj
-Sense
+Sense
Vo
Vin
UVLO
Ma rgin
Down
Ma rgin
up
Track
Ci
1,000 µF
(Requi red)
C
o1
330 µF
Co2
330µF
Vin
Vo
Rset
1%
0.05W
Figure 5 - Standard Application
Notes:
A. SOA curves represent the conditions at which internal components are within the Artesyn derating
guidelines.
B. Characteristic data has been developed from actual products tested at 25 °C. This data is
considered typical data for the converter.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com