Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0130CSSC00SPBA0-DP1 Datasheet(PDF) 16 Page - ON Semiconductor

Part # AR0130CSSC00SPBA0-DP1
Description  1/3-Inch CMOS Digital Image Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CSSC00SPBA0-DP1 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button AR0130CSSC00SPBA0-DP1 Datasheet HTML 12Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 13Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 14Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 15Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 16Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 17Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 18Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 19Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
AR0130CS/D Rev. 12,
1/16 EN
16
©Semiconductor Components Industries, LLC, 2016.
AR0130CS: 1/3-Inch CMOS Digital Image Sensor
Features
PLL-Generated Master Clock
The PLL contains a prescaler to divide the input clock applied on EXTCLK, a VCO to
multiply the prescaler output, and two divider stages to generate the output clock. The
clocking structure is shown in Figure 12. PLL control registers can be programmed to
generate desired master clock frequency.
Note:
The PLL control registers must be programmed while the sensor is in the software
Standby state. The effect of programming the PLL divisors while the sensor is in the
streaming state is undefined.
Figure 12:
PLL-Generated Master Clock PLL Setup
The PLL is enabled by default on the AR0130.
To Configure and Use the PLL:
1. Bring the AR0130 up as normal; make sure that fEXTCLK is between 6 and 50MHz and
ensure the sensor is in software standby (R0x301A[2]= 0). PLL control registers must
be set in software standby.
2. Set pll_multiplier, pre_pll_clk_div, vt_sys_clk_div, and vt_pix_clk_div based on the
desired input (fEXTCLK) and output (fPIXCLK) frequencies. Determine the M, N, P1, and
P2 values to achieve the desired fPIXCLK using this formula:
fPIXCLK= (fEXTCLK × M) / (N × P1 x P2)
where
M = PLL_Multiplier (R0x3030)
N = Pre_PLL_Clk_Div (R0x302E)
P1 = Vt_Sys_Clk_Div (R0x302C)
P2 = Vt_PIX_Clk_Div (R0x302A)
3. Wait 1ms to ensure that the VCO has locked.
4. Set R0x301A[2]=1 to enable streaming and to switch from EXTCLK to the PLL-gener-
ated clock.
Notes:
1. The PLL can be bypassed at any time (sensor will run directly off EXTCLK) by setting
R0x30B0[14]=1. However, only the parallel data interface is supported with the PLL
bypassed. The PLL is always bypassed in software standby mode. To disable the PLL,
the sensor must be in standby mode (R0x301A[2] = 0)
2. The following restrictions apply to the PLL tuning parameters:
Pre PLL
Div
(PFD)
Pre_pll_clk_div
EXTCLK
PLL
Multiplier
(VCO)
PLL Output
Div 1
SYSCLK
PIXCLK
vt_pix_clk_div
vt_sys_clk_div
PLL Input
Clock
PLL Output
Clock
PLL Output
Div 2
pll_multiplier
32 M 255

1N 63

1P116




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com