Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0130CSSC00SPBA0-DP1 Datasheet(PDF) 41 Page - ON Semiconductor

Part # AR0130CSSC00SPBA0-DP1
Description  1/3-Inch CMOS Digital Image Sensor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CSSC00SPBA0-DP1 Datasheet(HTML) 41 Page - ON Semiconductor

Back Button AR0130CSSC00SPBA0-DP1 Datasheet HTML 37Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 38Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 39Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 40Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 41Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 42Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 43Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 44Page - ON Semiconductor AR0130CSSC00SPBA0-DP1 Datasheet HTML 45Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 49 page
background image
AR0130CS/D Rev. 12,
1/16 EN
41
©Semiconductor Components Industries, LLC, 2016.
AR0130CS: 1/3-Inch CMOS Digital Image Sensor
Electrical Specifications
Note:
1. Minimum and maximum values are taken at 70°C, 1.7V, and -30°C, 1.95V. The loading used is 10pF.
DC Electrical Characteristics
The DC electrical characteristics are shown in the tables below.
Table 15:
DC Electrical Characteristics
Table 14:
I/O Fall Slew Rate (1.8V VDD_IO)1
Parallel Slew Rate
Conditions
Min
Typ
Max
Units
7
Default
0.57
0.92
1.55
V/ns
6
Default
0.40
0.64
1.08
V/ns
5
Default
0.31
0.50
0.82
V/ns
4
Default
0.24
0.38
0.61
V/ns
3
Default
0.18
0.27
0.44
V/ns
2
Default
0.13
0.19
0.31
V/ns
1
Default
0.09
0.13
0.20
V/ns
0
Default
0.05
0.08
0.12
V/ns
Symbol
Definition
Condition
Min
Typ
Max
Unit
VDD
Core digital voltage
1.7
1.8
1.95
V
VDD_IO
I/O digital voltage
1.7/2.5
1.8/2.8
1.9/3.1
V
VAA
Analog voltage
2.5
2.8
3.1
V
VAA_PIX
Pixel supply voltage
2.5
2.8
3.1
V
VDD_PLL
PLL supply voltage
2.5
2.8
3.1
V
VDD_SLVS Digital supply voltage
Do not connect.
–
–
–
V
VIH
Input HIGH voltage
VDD_IO*0.7
–
–
V
VIL
Input LOW voltage
–
–
VDD_IO*0.3
V
IIN
Input leakage current
No pull-up resistor; VIN = VDD_IO or
DGND
20
–
–
A
VOH
Output HIGH voltage
VDD_IO-0.3
–
–
V
VOL
Output LOW voltage
–
–
0.4
V
IOH
Output HIGH current
At specified VOH
-22
–
–
mA
IOL
Output LOW current
At specified VOL
––
22
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com