Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM122 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM122
Description  Precision Timers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM122 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM122 Datasheet HTML 1Page - National Semiconductor (TI) LM122 Datasheet HTML 2Page - National Semiconductor (TI) LM122 Datasheet HTML 3Page - National Semiconductor (TI) LM122 Datasheet HTML 4Page - National Semiconductor (TI) LM122 Datasheet HTML 5Page - National Semiconductor (TI) LM122 Datasheet HTML 6Page - National Semiconductor (TI) LM122 Datasheet HTML 7Page - National Semiconductor (TI) LM122 Datasheet HTML 8Page - National Semiconductor (TI) LM122 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Functional Diagram
TLH7768 – 9
Timing Diagram
TLH7768 – 10
Pin Function Description
One of the main features of the LM122 is its great versatility
Since this device is unique a description of the functions
and limitations of each pin is in order This will make it much
easier to follow the discussion of the various applications
presented in this note
V
a
is the positive supply terminal of the LM122 When us-
ing a single supply this terminal may be driven by any volt-
age between 45V and 40V The effect of supply variations
on timing period is less than 0005%V so supplies with
high ripple content may be used without causing pulse width
changes Supply bypassing on Va is not generally needed
but may be necessary when driving highly reactive loads
Quiescent current drawn from the Va terminal is typically
25 mA independent of the supply voltage Of course addi-
tional current will be drawn if the reference is externally
loaded
The VREF pin is the output of a 315V series regulator refer-
enced to the ground pin Up to 50 mA can be drawn from
this pin for driving external networks In most applications
the timing resistor is tied to VREF but it need not be in
situations where a more linear charging current is required
The regulated voltage is very useful in applications where
the LM122 is not used as a timer such as switching regula-
tors variable reference comparators and temperature con-
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com