Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM122 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM122
Description  Precision Timers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM122 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM122 Datasheet HTML 1Page - National Semiconductor (TI) LM122 Datasheet HTML 2Page - National Semiconductor (TI) LM122 Datasheet HTML 3Page - National Semiconductor (TI) LM122 Datasheet HTML 4Page - National Semiconductor (TI) LM122 Datasheet HTML 5Page - National Semiconductor (TI) LM122 Datasheet HTML 6Page - National Semiconductor (TI) LM122 Datasheet HTML 7Page - National Semiconductor (TI) LM122 Datasheet HTML 8Page - National Semiconductor (TI) LM122 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TLH7768
February 1995
LM122LM322LM3905 Precision Timers
General Description
The LM122 series are precision timers that offer great ver-
satility with high accuracy They operate with unregulated
supplies from 45V to 40V while maintaining constant timing
periods from microseconds to hours Internal logic and reg-
ulator circuits complement the basic timing function
enabling the LM122 series to operate in many different ap-
plications with a minimum of external components
The output of the timer is a floating transistor with built in
current limiting It can drive either ground referred or supply
referred loads up to 40V and 50 mA The floating nature of
this output makes it ideal for interfacing lamp or relay driv-
ing and signal conditioning where an open collector or emit-
ter is required A ‘‘logic reverse’’ circuit can be programmed
by the user to make the output transistor either ‘‘on’’ or
‘‘off’’ during the timing period
The trigger input to the LM122 series has a threshold of
16V independent of supply voltage but it is fully protected
against inputs as high as g40Veven when using a 5V
supply The circuitry reacts only to the rising edge of the
trigger signal and is immune to any trigger voltage during
the timing periods
An internal 315V regulator is included in the timer to reject
supply voltage changes and to provide the user with a con-
venient reference for applications other than a basic timer
External loads up to 5 mA can be driven by the regulator An
internal 2V divider between the reference and ground sets
the timing period to 1 RC The timing period can be voltage
controlled by driving this divider with an external source
through the VADJ pin Timing ratios of 501 can be easily
achieved
The comparator used in the LM122 utilizes high gain PNP
input transistors to achieve 300 pA typical input bias current
over a common mode range of 0V to 3V A boost terminal
allows the user to increase comparator operating current for
timing periods less than 1 ms This lets the timer operate
over a 3 ms to multi-hour timing range with excellent repeat-
ability
The LM122 operates over a temperature range of b55 Cto
a
125 C An electrically identical LM322 is specified from
0 Cto a70 C The LM3905 is identical to the LM122 series
except that the boost and VADJ pin options are not avail-
able limiting minimum timing period to 1 ms
Features
Y
Immune to changes in trigger voltage during timing
interval
Y
Timing periods from microseconds to hours
Y
Internal logic reversal
Y
Immune to power supply ripple during the timing
interval
Y
Operates from 45V to 40V supplies
Y
Input protected to g40V
Y
Floating transistor output with internal current limiting
Y
Internal regulated reference
Y
Timing period can be voltage controlled
Y
TTL compatible input and output
Connection Diagrams
Metal Can Package
TLH7768 – 6
Top View
Order Number LM122H
See NS Package Number H10C
Dual-In-Line Package
TLH7768 – 7
Top View
Order Number LM322N
See NS Package Number N14A
Dual-In-Line Package
TLH7768 – 8
Top View
Order Number LM3905N
See NS Package Number N08E
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM122

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
LM122-155.52M CONNOR-WINFIELD-LM122-155.52M Datasheet
138Kb / 2P
5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
logo
Shenzhen TOPWAY Technol...
LM12232ABY TOPWAY-LM12232ABY Datasheet
555Kb / 9P
LCD Module User Manual
LM12232BBY TOPWAY-LM12232BBY Datasheet
598Kb / 9P
LCD Module User Manual
logo
LightKey Optoelectronic...
LM12257AB LIGHTKEY-LM12257AB Datasheet
133Kb / 3P
LM12257A/B Series ??1.20 inch 5x7 Square Dot Matrix LED Display
LM12257AD LIGHTKEY-LM12257AD Datasheet
133Kb / 3P
LM12257A/B Series ??1.20 inch 5x7 Square Dot Matrix LED Display
More results

Similar Description - LM122

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2905N NSC-LM2905N Datasheet
944Kb / 12P
Precision Timers
logo
NEC
SA555 NEC-SA555 Datasheet
26Kb / 1P
PRECISION TIMERS
logo
Texas Instruments
NA555 TI-NA555 Datasheet
405Kb / 24P
PRECISION TIMERS
NA555 TI-NA555_07 Datasheet
559Kb / 27P
PRECISION TIMERS
NA555 TI-NA555_08 Datasheet
625Kb / 27P
PRECISION TIMERS
logo
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
PRECISION TIMERS
Rev 4
NE555S-13 DIODES-NE555S-13 Datasheet
729Kb / 14P
PRECISION TIMERS
Rev 4
logo
Unisonic Technologies
USA555 UTC-USA555 Datasheet
316Kb / 8P
PRECISION TIMERS
logo
Texas Instruments
NA555 TI1-NA555_14 Datasheet
1Mb / 36P
Precision Timers
logo
ARTSCHIP ELECTRONICS CO...
NE555 ARTSCHIP-NE555 Datasheet
787Kb / 18P
PRECISION TIMERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com