Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6207 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6207
Description  DMOS DUAL FULL BRIDGE DRIVER WITH PWM CURRENT CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6207 Datasheet(HTML) 1 Page - STMicroelectronics

  L6207 Datasheet HTML 1Page - STMicroelectronics L6207 Datasheet HTML 2Page - STMicroelectronics L6207 Datasheet HTML 3Page - STMicroelectronics L6207 Datasheet HTML 4Page - STMicroelectronics L6207 Datasheet HTML 5Page - STMicroelectronics L6207 Datasheet HTML 6Page - STMicroelectronics L6207 Datasheet HTML 7Page - STMicroelectronics L6207 Datasheet HTML 8Page - STMicroelectronics L6207 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1/23
L6207
September 2003
s
OPERATING SUPPLY VOLTAGE FROM 8 TO 52V
s
5.6A OUTPUT PEAK CURRENT (2.8A DC)
s
RDS(ON) 0.3Ω TYP. VALUE @ Tj = 25 °C
s
OPERATING FREQUENCY UP TO 100KHz
s
NON DISSIPATIVE OVERCURRENT
PROTECTION
s
DUAL INDEPENDENT CONSTANT tOFF PWM
CURRENT CONTROLLERS
s
SLOW DECAY SYNCHRONOUS
RECTIFICATION
s
CROSS CONDUCTION PROTECTION
s
THERMAL SHUTDOWN
s
UNDER VOLTAGE LOCKOUT
s
INTEGRATED FAST FREE WHEELING DIODES
TYPICAL APPLICATIONS
s
BIPOLAR STEPPER MOTOR
s
DUAL DC MOTOR
DESCRIPTION
The L6207 is a DMOS Dual Full Bridge designed for
motor control applications, realized in MultiPower-
BCD technology, which combines isolated DMOS
Power Transistors with CMOS and bipolar circuits on
the same chip. The device also includes two inde-
pendent constant off time PWM Current Controllers
that performs the chopping regulation. Available in
PowerDIP24 (20+2+2), PowerSO36 and SO24
(20+2+2) packages, the L6207 features a non-dissi-
pative overcurrent protection on the high side Power
MOSFETs and thermal shutdown.
BLOCK DIAGRAM
D99IN1085A
GATE
LOGIC
OCDA
OCDB
OVER
CURRENT
DETECTION
OVER
CURRENT
DETECTION
GATE
LOGIC
VCP
VBOOT
ENA
IN1A
IN2A
ENB
IN1B
IN2B
VREFA
VBOOT
5V
10V
VSA
V
SB
OUT1A
OUT2A
OUT1B
OUT2B
SENSEA
CHARGE
PUMP
VOLTAGE
REGULATOR
ONE SHOT
MONOSTABLE
MASKING
TIME
THERMAL
PROTECTION
VBOOT
VBOOT
10V
10V
BRIDGE A
SENSE
COMPARATOR
BRIDGE B
RCA
+
-
SENSEB
VREFB
RCB
PWM
ORDERING NUMBERS:
L6207N (PowerDIP24)
L6207PD (PowerSO36)
L6207D (SO24)
PowerDIP24
(20+2+2)
PowerSO36
SO24
(20+2+2)
DMOS DUAL FULL BRIDGE DRIVER
WITH PWM CURRENT CONTROLLER


Similar Part No. - L6207

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6207 STMICROELECTRONICS-L6207 Datasheet
1Mb / 53P
APPLICATION NOTE
Dec-2003
L6207PD013TR STMICROELECTRONICS-L6207PD013TR Datasheet
633Kb / 33P
DMOS dual full bridge driver with PWM current controller
20-Feb-2014
L6207Q STMICROELECTRONICS-L6207Q Datasheet
636Kb / 27P
DMOS dual full bridge driver
11-Jun-2013
More results

Similar Description - L6207

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6227 STMICROELECTRONICS-L6227 Datasheet
380Kb / 22P
DMOS DUAL FULL BRIDGE DRIVER WITH PWM CURRENT CONTROLLER
Sep-2003
logo
Allegro MicroSystems
3965 ALLEGRO-3965 Datasheet
186Kb / 7P
DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
12/4/2002
3974 ALLEGRO-3974_1 Datasheet
617Kb / 12P
DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
logo
STMicroelectronics
L6227Q STMICROELECTRONICS-L6227Q Datasheet
437Kb / 27P
DMOS dual full bridge driver with PWM current controller
10-Jun-2008
L6227Q STMICROELECTRONICS-L6227Q_09 Datasheet
389Kb / 27P
DMOS dual full bridge driver with PWM current controller
28-Jan-2009
logo
Allegro MicroSystems
A4954 ALLEGRO-A4954 Datasheet
248Kb / 9P
Dual Full-Bridge DMOS PWM Motor Driver
logo
STMicroelectronics
L6207PD013TR STMICROELECTRONICS-L6207PD013TR Datasheet
633Kb / 33P
DMOS dual full bridge driver with PWM current controller
20-Feb-2014
logo
Allegro MicroSystems
A4954 ALLEGRO-A4954_16 Datasheet
247Kb / 9P
Dual Full-Bridge DMOS PWM Motor Driver
A5995 ALLEGRO-A5995 Datasheet
715Kb / 12P
DMOS Dual Full-Bridge PWM Motor Driver
3974 ALLEGRO-3974 Datasheet
178Kb / 12P
DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com