Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP7401 Datasheet(PDF) 1 Page - Copal Electronics

Part # DP7401
Description  Quad Digital Potentiometers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7401 Datasheet(HTML) 1 Page - Copal Electronics

  DP7401 Datasheet HTML 1Page - Copal Electronics DP7401 Datasheet HTML 2Page - Copal Electronics DP7401 Datasheet HTML 3Page - Copal Electronics DP7401 Datasheet HTML 4Page - Copal Electronics DP7401 Datasheet HTML 5Page - Copal Electronics DP7401 Datasheet HTML 6Page - Copal Electronics DP7401 Datasheet HTML 7Page - Copal Electronics DP7401 Datasheet HTML 8Page - Copal Electronics DP7401 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DP7401
© NIDEC COPAL ELECTRONICS CORP.
1
H
.
v
e
R
2
1
0
2
-
D
M
.
o
N
.
c
o
D
Characteristics subject to change without notice
Quad Digital Potentiometers
(DP) with 64 Taps and SPI Interface
FEATURES
Four linear taper digital potentiometers
64 resistor taps per potentiometer
End to end resistance 2.5k , 10k , 50k
or
100k
Potentiometer control and memory access via
SPI interface: Mode (0, 0) and (1, 1)
Low wiper resistance, typically 80
Nonvolatile memory storage for up to four
wiper settings for each potentiometer
Automatic recall of saved wiper settings at
power up
2.5 to 6.0 volt operation
Standby current less than 1µA
1,000,000 nonvolatile WRITE cycles
100 year nonvolatile memory data retention
24-lead SOIC and 24-lead TSSOP
Industrial temperature range
For Ordering Information details, see page 14.
PIN CONFIGURATION
DESCRIPTION
The
DP7401
is
four
Digital
Potentiometers
(DPs) integrated with control logic and 16 bytes
of NVRAM memory. Each DP consists of a series
of
63
resistive
elements
connected
between
two
externally
accessible
end
points.
The
tap
points between each resistive element are connected
to the wiper outputs with CMOS switches. A separate
6-bit control register (WCR) independently controls
the wiper tap switches for each DP. Associated with
each wiper control register are four 6-bit non-volatile
memory data registers (DR) used for storing up to four
wiper settings. Writing to the wiper control register or
any of the non-volatile data registers is via a SPI serial
bus. On power-up, the contents of the first data
register (DR0) for each of the four potentiometers is
automatically loaded into its respective wiper control
register.
The DP7401 can be used as a potentiometer or as a
two terminal, variable resistor. It is intended for circuit
level or system level adjustments in a wide variety of
applications.
FUNCTIONAL DIAGRAM
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
DP
7401
VCC
RL0
RH0
RW0
CS
WP
SI
A1
RL1
RH1
RW1
GND
NC
RL3
RH3
RW3
A0
SO
HOLD
SCK
RL2
RH2
RW2
NC
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
DP
7401
SI
A1
RL1
RH1
RW1
GND
NC
RW2
RH2
RL2
SCK
HOLD
WP
CS
RW0
RH0
RL0
VCC
NC
RL3
RH3
RW3
A0
SO
SOIC Package (W)
TSSOP Package (Y)
NONVOLATILE
DATA
REGISTERS
CONTROL LOGIC
WIPER CONTROL
REGISTERS
SPI BUS
INTERFACE
RW0
RW1
RW2
RW3
RL0
A0
A1
CS
SCK
SI
SO
RL1
RL2
RL3
RH0
RH1
RH2
RH3
WP


Similar Part No. - DP7401

ManufacturerPart #DatasheetDescription
logo
Synology Inc.
DP7400 SYNOLOGY-DP7400 Datasheet
808Kb / 6P
Cyber-resilient Data Protection Solution for Data Centers
logo
Copal Electronics
DP7409 COPAL-DP7409 Datasheet
173Kb / 16P
Quad Digital Potentiometers
More results

Similar Description - DP7401

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9258 XICOR-X9258 Datasheet
413Kb / 22P
Quad Digital Controlled Potentiometers (XDCP)
logo
Intersil Corporation
X95840 INTERSIL-X95840 Datasheet
1Mb / 13P
Quad Digital Controlled Potentiometers
September 27, 2005
ISL90843 INTERSIL-ISL90843 Datasheet
750Kb / 10P
Quad Digital Controlled Potentiometers (XDCP??
March 29, 2006
X9258US24 INTERSIL-X9258US24 Datasheet
329Kb / 20P
Quad Digital Controlled Potentiometers
August 30, 2006
X95840 INTERSIL-X95840_06 Datasheet
1Mb / 13P
Quad Digital Controlled Potentiometers
July 5, 2006
X9258 INTERSIL-X9258_11 Datasheet
634Kb / 20P
Quad Digital Controlled Potentiometers(XDCP??
X9258US24Z INTERSIL-X9258US24Z Datasheet
488Kb / 19P
Quad Digital Controlled Potentiometers
December 15, 2011
logo
Copal Electronics
DP7259 COPAL-DP7259 Datasheet
174Kb / 16P
Quad Digital Potentiometers
DP7409 COPAL-DP7409 Datasheet
173Kb / 16P
Quad Digital Potentiometers
logo
Renesas Technology Corp
ISL90843 RENESAS-ISL90843 Datasheet
1Mb / 20P
Quad Digital Controlled Potentiometers (XDCP™)
March 29, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com