Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP7401 Datasheet(PDF) 3 Page - Copal Electronics

Part # DP7401
Description  Quad Digital Potentiometers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7401 Datasheet(HTML) 3 Page - Copal Electronics

  DP7401 Datasheet HTML 1Page - Copal Electronics DP7401 Datasheet HTML 2Page - Copal Electronics DP7401 Datasheet HTML 3Page - Copal Electronics DP7401 Datasheet HTML 4Page - Copal Electronics DP7401 Datasheet HTML 5Page - Copal Electronics DP7401 Datasheet HTML 6Page - Copal Electronics DP7401 Datasheet HTML 7Page - Copal Electronics DP7401 Datasheet HTML 8Page - Copal Electronics DP7401 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DP7401
© NIDEC COPAL ELECTRONICS CORP.
3
Doc. No. MD-2012 Rev. H
Characteristics subject to change without notice
SERIAL BUS PROTOCOL
The DP7041 supports the SPI bus data transmission
protocol. The synchronous Serial Peripheral Interface
(SPI) helps the DP7401 to interface directly with
many
of
today's
popular
microcontrollers.
The
DP7041 contains an 8-bit instruction register.
The
instruction set and the operation codes are detailed in
the instruction set table 3.
After the device is selected with CS
¯¯¯ going low the first
byte will be received. The part is accessed via the SI
pin, with data being clocked in on the rising edge of
SCK. The first byte contains one of the six op-codes
that define the operation to be performed.
DEVICE OPERATION
The DP7401 is four resistor arrays integrated with
SPI serial interface logic, four 6-bit wiper control
registers and sixteen 6-bit, non-volatile memory data
registers. Each resistor array contains 63 separate
resistive elements connected in series. The physical
ends of each array are equivalent to the fixed
terminals of a mechanical potentiometer (RH and RL).
RH and RL are symmetrical and may be interchanged.
The tap positions between and at the ends of the
series resistors are connected to the output wiper
terminals (RW) by a CMOS transistor switch. Only one
tap point for each potentiometer is connected to its
wiper terminal at a time and is determined by the
value of the wiper control register. Data can be read
or written to the wiper control registers or the non-
volatile memory data registers via the SPI bus.
Additional instructions allows data to be transferred
between
the
wiper
control
registers
and
each
respective potentiometer's non-volatile data registers.
Also, the device can be instructed to operate in an
"increment/decrement" mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com