Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP7409 Datasheet(PDF) 1 Page - Copal Electronics

Part # DP7409
Description  Quad Digital Potentiometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7409 Datasheet(HTML) 1 Page - Copal Electronics

  DP7409 Datasheet HTML 1Page - Copal Electronics DP7409 Datasheet HTML 2Page - Copal Electronics DP7409 Datasheet HTML 3Page - Copal Electronics DP7409 Datasheet HTML 4Page - Copal Electronics DP7409 Datasheet HTML 5Page - Copal Electronics DP7409 Datasheet HTML 6Page - Copal Electronics DP7409 Datasheet HTML 7Page - Copal Electronics DP7409 Datasheet HTML 8Page - Copal Electronics DP7409 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DP7409
© NIDEC COPAL ELECTRONICS CORP.
1
Doc. No. MD-2010 Rev. K
Characteristics subject to change without notice
Quad Digital Potentiometers
(DP) with 64 Taps and 2-wire Interface
FEATURES
Four linear taper digital potentiometers
64 resistor taps per potentiometer
End to end resistance 2.5k , 10k , 50k
or
100k
2-wire interface (I
2C like)
Low wiper resistance, typically 80
Four non-volatile wiper settings for each
potentiometer
Recall of saved wiper settings at power-up
2.5 to 6.0 volt operation
Standby current less than 1µA
1,000,000 nonvolatile WRITE cycles
100 year nonvolatile memory data retention
24-lead SOIC and 24-lead TSSOP
Write protection for data register
For Ordering Information details, see page 15.
PIN CONFIGURATION
TSSOP (Y)
SOIC (W)
DESCRIPTION
The
DP7409
is
four
Digital
Potentiometers
(DP) integrated with control logic and 16 bytes
of NVRAM memory.
A separate 6-bit control register (WCR) independently
controls
the
wiper
tap
position
for
each
DP.
Associated with each wiper control register are four
6-bit non-volatile memory data registers (DR) used for
storing up to four wiper settings. Writing to the wiper
control register or any of the non-volatile data
registers is via a 2-wire serial bus (I
2C-like). On
power-up, the contents of the first data register (DR0)
for each of the four potentiometers is automatically
loaded into its respective wiper control register
(WCR).
The Write Protection (WP
¯¯¯) pin protects against
inadvertent programming of the data register.
The DP7409 can be used as a potentiometer or as a
two terminal, variable resistor. It is intended for circuit
level or system level adjustments in a wide variety of
applications.
FUNCTIONAL DIAGRAM
NONVOLATILE
DATA
REGISTERS
CONTROL LOGIC
WIPER CONTROL
REGISTERS
2-WIRE BUS
INTERFACE
RW0
RW1
RW2
RW3
RL0
A0
A1
A2
A3
SCL
SDA
RL1
RL2
RL3
RH0
RH1
RH2
RH3
WP
2
23
RL0
RL3
322
RH0
RH3
124
VCC
NC
4
RW0
RW3
21
A0
A2
520
NC
619
WP
A1
SCL
8
17
RL1
RL2
916
A3
718
SDA
RH1
RH2
10
15
RW1
RW2
11
14
C
N
D
N
G
12
13
2
23
RL0
RL3
322
RH0
RH3
124
VCC
4
RW0
RW3
21
A0
A2
520
NC
619
WP
A1
SCL
8
17
RL1
RL2
916
A3
718
SDA
RH1
RH2
10
15
RW1
RW2
NC
11
14
GND
NC
12
13


Similar Part No. - DP7409

ManufacturerPart #DatasheetDescription
logo
Synology Inc.
DP7400 SYNOLOGY-DP7400 Datasheet
808Kb / 6P
Cyber-resilient Data Protection Solution for Data Centers
logo
Copal Electronics
DP7401 COPAL-DP7401 Datasheet
164Kb / 15P
Quad Digital Potentiometers
More results

Similar Description - DP7409

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9258 XICOR-X9258 Datasheet
413Kb / 22P
Quad Digital Controlled Potentiometers (XDCP)
logo
Intersil Corporation
X95840 INTERSIL-X95840 Datasheet
1Mb / 13P
Quad Digital Controlled Potentiometers
September 27, 2005
ISL90843 INTERSIL-ISL90843 Datasheet
750Kb / 10P
Quad Digital Controlled Potentiometers (XDCP??
March 29, 2006
X9258US24 INTERSIL-X9258US24 Datasheet
329Kb / 20P
Quad Digital Controlled Potentiometers
August 30, 2006
X95840 INTERSIL-X95840_06 Datasheet
1Mb / 13P
Quad Digital Controlled Potentiometers
July 5, 2006
X9258 INTERSIL-X9258_11 Datasheet
634Kb / 20P
Quad Digital Controlled Potentiometers(XDCP??
X9258US24Z INTERSIL-X9258US24Z Datasheet
488Kb / 19P
Quad Digital Controlled Potentiometers
December 15, 2011
logo
Copal Electronics
DP7259 COPAL-DP7259 Datasheet
174Kb / 16P
Quad Digital Potentiometers
DP7401 COPAL-DP7401 Datasheet
164Kb / 15P
Quad Digital Potentiometers
logo
Renesas Technology Corp
ISL90843 RENESAS-ISL90843 Datasheet
1Mb / 20P
Quad Digital Controlled Potentiometers (XDCP™)
March 29, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com