Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP7409 Datasheet(PDF) 2 Page - Copal Electronics

Part # DP7409
Description  Quad Digital Potentiometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7409 Datasheet(HTML) 2 Page - Copal Electronics

  DP7409 Datasheet HTML 1Page - Copal Electronics DP7409 Datasheet HTML 2Page - Copal Electronics DP7409 Datasheet HTML 3Page - Copal Electronics DP7409 Datasheet HTML 4Page - Copal Electronics DP7409 Datasheet HTML 5Page - Copal Electronics DP7409 Datasheet HTML 6Page - Copal Electronics DP7409 Datasheet HTML 7Page - Copal Electronics DP7409 Datasheet HTML 8Page - Copal Electronics DP7409 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
DP7409
Doc. No. MD-2010 Rev. K
2
NIDEC COPAL ELECTRONICS CORP.
©
Characteristics subject to change without notice
PIN DESCRIPTIONS
SCL: Serial Clock
The DP7409 serial clock input pin is used to clock all
data transfers into or out of the device.
SDA: Serial Data
The DP7409 bidirectional serial data pin is used to
transfer data into and out of the device. The SDA pin is
an open drain output and can be wire-Ored with the
other open drain or open collector outputs.
A0, A1, A2, A3: Device Address Inputs
These inputs set the device address when addressing
multiple devices. A total of sixteen devices can be
addressed on a single bus. A match in the slave
address must be made with the address input in order
to initiate communication with the DP7409.
RH, RL: Resistor End Points
The four sets of RH and RL pins are equivalent to the
terminal connections on a mechanical potentiometer.
RW: Wiper
The four RW pins are equivalent to the wiper terminal of
a mechanical potentiometer.
WP
¯¯¯: Write Protect Input
The WP
¯¯¯ pin when tied low prevents non-volatile writes
to the data registers (change of wiper control register is
allowed) and when tied high or left floating normal
read/write operations are allowed.
See Write Protection
on page 7 for more details.
DEVICE OPERATION
The DP7409 is four resistor arrays integrated with 2-wire serial interface logic, four 6-bit wiper control registers
and sixteen 6-bit, non-volatile memory data registers. Each resistor array contains 63 separate resistive elements
connected in series. The physical ends of each array are equivalent to the fixed terminals of a mechanical
potentiometer (RH and RL). RH and RL are symmetrical and may be interchanged. The tap positions between and
at the ends of the series resistors are connected to the output wiper terminals (RW) by a CMOS transistor switch.
Only one tap point for each potentiometer is connected to its wiper terminal at a time and is determined by the
value of the wiper control register. Data can be read or written to the wiper control registers or the non-volatile
memory data registers via the 2-wire bus. Additional instructions allows data to be transferred between the wiper
control registers and each respective potentiometer's non-volatile data registers. Also, the device can be
instructed to operate in an "increment/decrement" mode.
Pin#
(TSSOP)
Pin#
(SOIC)
Name
Function
19
1
VCC
Supply Voltage
20
2
RL0
Low Reference Terminal
for Potentiometer 0
21
3
RH0
High Reference Terminal
for Potentiometer 0
22
4
RW0
Wiper Terminal for
Potentiometer 0
23
5
A2
Device Address
24
6
WP
¯¯¯
Write Protection
1
7
SDA
Serial Data Input/Output
28
A1
Device Address
39
RL1
Low Reference Terminal
for Potentiometer 1
410
RH1
High Reference Terminal
for Potentiometer 1
511
RW1
Wiper Terminal for
Potentiometer 1
6
12
GND
Ground
713
NC
No Connect
814
RW2
Wiper Terminal for
Potentiometer 2
915
RH2
High Reference Terminal
for Potentiometer 2
10
16
RL2
Low Reference Terminal
for Potentiometer 2
11
17
SCL
Bus Serial Clock
12
18
A3
Device Address
13
19
NC
No Connect
14
20
A0
Device Address, LSB
15
21
RW3
Wiper Terminal for
Potentiometer 3
16
22
RH3
High Reference Terminal
for Potentiometer 3
17
23
RL3
Low Reference Terminal
for Potentiometer 3
18
24
NC
No Connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com