Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE715C Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE715C
Description  High Efficiency 1.2MHz 30V Boost LED Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE715C Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE715C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE715C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE715C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE715C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE715C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE715C Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ACE715C
High Efficiency 1.2MHz 30V Boost LED Driver
VER 1.1
2
Absolute Maximum Ratings
Parameter
Max
IN, EN Pin Voltage
-0.3V to 6V
SW Pin Voltage
-0.3V to 30V
All Other Pin Voltage
-0.3V to 6V
Junction Temperature (TJ)
150°C
Ambient Temperature (TA)
-40°C to 85°C
Power Dissipation
SOT23-6
600mW
Thermal Resistance (θ
JA)
250
°C /W
Thermal Resistance (θ
JC)
130
°C /W
Storage Temperature (Ts)
-65°C to 150°C
Lead Temperature & Time
260°C, 10Sec
Packaging Type
SOT-23-6
6
5
4
1
2
3
Pin No.
Symbol
Description
1
LX
Power Switch Output. LX is the drain of the internal MOSFET switch. Connect the
power inductor and output rectifier to LX. LX can swing between GND and 30V.
2
GND
Ground.
3
FB
Feedback Input. The FB voltage is 0.25V. Connect a resistor divider to FB.
4
EN
Chip enable, but a PWM signal with various duty cycle can directly sent to EN pin
to achieve the backlight dimming.
5
OVP
Over Voltage Input. OV measures the output voltage for open circuit protection.
Connect OV to the output at the top of the LED string.
6
IN
Power Supply. Must be locally bypassed.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com