Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE715C Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE715C
Description  High Efficiency 1.2MHz 30V Boost LED Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE715C Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE715C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE715C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE715C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE715C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE715C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE715C Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ACE715C
High Efficiency 1.2MHz 30V Boost LED Driver
VER 1.1
1
Description
ACE715C is a step-up converter designed for driving up to 7 series white LED's from a single cell
Lithium Ion battery. Its low 250mV feedback voltage reduces power loss and improves efficiency.
Optimized operation frequency can meet the requirement of small LC filters value and low operation
current with high efficiency. Internal soft start function can reduce the inrush current. Tiny package type
provides the best solution for PCB space saving and total BOM cost.
ACE715C is available in SOT23-6 package that is PB free.
Features
2.5V to 5.5V Input Voltage
Drivers up to 8 Series WLEDs
Low 250mV Feedback Voltage
1.2MHz Fixed Switching Frequency
Internal 1.6A Switch Current Limit
Internal Compensation
Thermal Shutdown
Over Voltage Protection
Dimming with wide Frequency Range
Available in SOT23-6 Package
Application
Camera Flash White LED
PDA LED back light
Digital still cameras
Typical Application


Similar Part No. - ACE715C

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE710 ACE-ACE710 Datasheet
628Kb / 8P
0.9V startup, 0.6A 3.3V/5V Synchronous Boost DC/DC Converter
VER 1.3
ACE710C ACE-ACE710C Datasheet
639Kb / 8P
1A Synchronous PWM Boost converter
VER 1.1
ACE711E ACE-ACE711E Datasheet
626Kb / 9P
2A, Step-Up DC - DC Regulator 20V
VER 1.2
ACE7125Y ACE-ACE7125Y Datasheet
197Kb / 3P
High Efficiency 1MHz, 2.1A Step Up Regulator
VER 1.1
ACE712E ACE-ACE712E Datasheet
432Kb / 8P
5V - 2A Output, 1MHz Synchronous Step-Up Converter with DCP emulator
VER 1.1
More results

Similar Description - ACE715C

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7128 ANPEC-APW7128 Datasheet
288Kb / 15P
30V, 1.2MHz, White LED Driver
logo
Alpha & Omega Semicondu...
AOZ1934 AOSMD-AOZ1934 Datasheet
776Kb / 14P
High Efficiency Boost 20-, 30- LED Driver
logo
Anpec Electronics Corop...
APW7128 ANPEC-APW7128_10 Datasheet
275Kb / 16P
30V, 1.2MHz, White LED Driver
logo
E-CMOS Corporation
ELP3301 E-CMOS-ELP3301 Datasheet
349Kb / 9P
1.2MHz,30V/1A High Performance, Boost Converter
logo
SHANGHAI BELLING CO., L...
BL8040 BELLING-BL8040 Datasheet
537Kb / 4P
High Efficiency 1.2MHz 30V Boost LED Driver
BL8041 BELLING-BL8041 Datasheet
623Kb / 4P
High Efficiency 1.2MHz 30V Boost
logo
Shenzhen Huazhimei Semi...
HM1538B HMSEMI-HM1538B Datasheet
949Kb / 5P
1.2MHz, 30V BLAS Driver
HM5665A HMSEMI-HM5665A Datasheet
499Kb / 4P
High Efficiency 1.2MHz 30V BOOST LED Driver
HM5663 HMSEMI-HM5663 Datasheet
1Mb / 9P
1.2MHz,3V-24V Input High Efficiency Boost White LED Driver
HM9284 HMSEMI-HM9284 Datasheet
1Mb / 9P
1.2MHz, High Efficiency Boost White LED Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com