Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE6428D Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE6428D
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE6428D Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE6428D Datasheet HTML 1Page - ACE Technology Co., LTD. ACE6428D Datasheet HTML 2Page - ACE Technology Co., LTD. ACE6428D Datasheet HTML 3Page - ACE Technology Co., LTD. ACE6428D Datasheet HTML 4Page - ACE Technology Co., LTD. ACE6428D Datasheet HTML 5Page - ACE Technology Co., LTD. ACE6428D Datasheet HTML 6Page - ACE Technology Co., LTD. ACE6428D Datasheet HTML 7Page - ACE Technology Co., LTD. ACE6428D Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ACE6428D
N-Channel Enhancement Mode Field Effect Transistor
VER 1.2
2
Thermal Characteristics
Parameter
Symbol
Typ
Max
Units
Maximum Junction-to-Ambient
A
t≦10s
RθJA
21
25
℃/W
Maximum Junction-to-Ambient
A D
Steady-State
50
60
℃/W
Maximum Junction-to-Case
Steady-State
RθJC
3.5
4.2
℃/W
Packaging Type
DFN5*6-8L-EP
Ordering information
ACE6428D XX + H
PN : DFN5*6-8L-EP
Pb - free
Halogen - free



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com