Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE6428D Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE6428D
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE6428D Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE6428D Datasheet HTML 1Page - ACE Technology Co., LTD. ACE6428D Datasheet HTML 2Page - ACE Technology Co., LTD. ACE6428D Datasheet HTML 3Page - ACE Technology Co., LTD. ACE6428D Datasheet HTML 4Page - ACE Technology Co., LTD. ACE6428D Datasheet HTML 5Page - ACE Technology Co., LTD. ACE6428D Datasheet HTML 6Page - ACE Technology Co., LTD. ACE6428D Datasheet HTML 7Page - ACE Technology Co., LTD. ACE6428D Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ACE6428D
N-Channel Enhancement Mode Field Effect Transistor
VER 1.2
1
Description
The ACE6428D uses advanced trench technology to provide excellent RDS(ON), low gate charge. This
device is suitable for use as a high side switch in SMPS and general purpose applications.
Features
V
DS(V)=30V
I
D=43A (VGS=10V)
R
DS(ON)<5.5mΩ (VGS=10V)
R
DS(ON)<9.5mΩ (VGS=4.5V)
100% Delta Vsd Tested
100% Rg Tested
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Drain Current (Continuous)
TA=25
OC
ID
43
A
TA=100
OC
27
Drain Current (Pulse)
C
IDM
100
Drain Current (Continuous)
TA=25
OC
IDSM
11
A
TA=70
OC
8
Power Dissipation
B
TA=25
OC
PD
30
W
TA=100
OC
12
Power Dissipation
A
TA=25
OC
PDSM
2
W
TA=70
OC
1.3
Operating and Storage Temperature Range TJ,TSTG -55 to 150
OC


Similar Part No. - ACE6428D

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE6428B ACE-ACE6428B Datasheet
949Kb / 8P
N-Channel Enhancement Mode Field Effect Transistor
VER 1.2
More results

Similar Description - ACE6428D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com