Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F17HA Datasheet(PDF) 1 Page - Copal Electronics

Part # F17HA
Description  BRUSHLESS DC FANS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

F17HA Datasheet(HTML) 1 Page - Copal Electronics

  F17HA Datasheet HTML 1Page - Copal Electronics F17HA Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
F17HA
BRUSHLESS DC FANS
■ FEATURES
O Low noise, 7 dB (A) type by the correct application of
hydrodynamic design of impeller and frame
O Light weight (approx. 2.3 g)
■ PART NUMBER DESIGNATION
F 1 7 H A - 0 5 M C
Series name
Bearing
Power supply
Air flow
M:0.015 m
3/min
H:0.018 m
3/min
05:DC5 V
1 sleeve bearing
■ LIST OF PART NUMBERS
Power supply
DC5 V
F17HA-05MC
F17HA-05HC
Part number
※ Verify the above part numbers when placing orders.
RoHS compliant
Component
Sleeve bearibng
■ STRUCTURE / MAIN MATERIAL
Housing
Made of modified (LCP) reinforces
Made of modified (SUS) reinforces
Made of modified (ABS / PBT ALLOY) reinforces
Cover
Impeller
Materials
Bearing


Similar Part No. - F17HA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F1700AA03 ETC2-F1700AA03 Datasheet
160Kb / 3P
F1700/F1799 RFI Filters
F1700AA06 ETC2-F1700AA06 Datasheet
160Kb / 3P
F1700/F1799 RFI Filters
F1700AA10 ETC2-F1700AA10 Datasheet
160Kb / 3P
F1700/F1799 RFI Filters
F1700AA20 ETC2-F1700AA20 Datasheet
160Kb / 3P
F1700/F1799 RFI Filters
F1700BB03 ETC2-F1700BB03 Datasheet
160Kb / 3P
F1700/F1799 RFI Filters
More results

Similar Description - F17HA

ManufacturerPart #DatasheetDescription
logo
ETRI
158DL5LP11000 ETRI-158DL5LP11000 Datasheet
220Kb / 1P
DC Axial Fans
230DL1LP11000 ETRI-230DL1LP11000 Datasheet
211Kb / 1P
DC Axial Fans
logo
Cooper Bussmann, Inc.
F412R-05LB COOPER-F412R-05LB Datasheet
78Kb / 2P
BRUSHLESS DC FANS
logo
List of Unclassifed Man...
F16EA ETC2-F16EA Datasheet
73Kb / 2P
BRUSHLESS DC FANS
logo
Copal Electronics
F16EA COPAL-F16EA Datasheet
63Kb / 2P
BRUSHLESS DC FANS
F251R COPAL-F251R Datasheet
58Kb / 2P
BRUSHLESS DC FANS
F310R COPAL-F310R Datasheet
66Kb / 2P
BRUSHLESS DC FANS
F410T COPAL-F410T Datasheet
66Kb / 2P
BRUSHLESS DC FANS
F412R COPAL-F412R Datasheet
63Kb / 2P
BRUSHLESS DC FANS
F614T COPAL-F614T Datasheet
63Kb / 2P
BRUSHLESS DC FANS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com