Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F17HA Datasheet(PDF) 2 Page - Copal Electronics

Part # F17HA
Description  BRUSHLESS DC FANS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

F17HA Datasheet(HTML) 2 Page - Copal Electronics

  F17HA Datasheet HTML 1Page - Copal Electronics F17HA Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
F17HA
BRUSHLESS DC FAN
■ STANDARD SPECIFICATIONS
■ OUTLINE DIMENSIONS
(Unit: mm)
■ AIR FLOW PERFORMANCE CURVES
Item
F17HA-05MC
F17HA-05HC
DC5 V
4.5 ~ 5.5 V
0.03 A
0.06 A
8000 min
-1
11000 min
-1
0.015 m
3/min
0.018 m
3/min
10.0 Pa
17.0 Pa
7 dB (A)
15 dB (A)
–10 ~ +60 °C (35 ~ 85 %RH)
–20 ~ +70 °C (35 ~ 85 %RH)
Approx. 2.3 g
Rated voltage
Voltage range
Rated current
Rotating speed
Air flow
Static pressure
Noise
Use environment
Storage environment
Net weight
Flow Rate
12
10
8
6
4
2
0
0.000
0.005
Air Flow [m
3/min]
0.010
0.015
0.020
※ Data in our measuring instrument
13.5
± 0.3
8
± 0.2
Air flow
4 – R1.5
3 –
2
± 0.1
Lead wire UL1571 LF AWG32
Black : GND
Red : VOLTAGE
φ
□17
± 0.5
3 –
2
± 0.1
φ
13.5
± 0.3
15.9
φ
Dimension of mounting hole for recommendation
※The specifications above are typical values measured on the conditions
of no-loading running with rated voltage in the circumstances of 25 °C
± 2 °C, 35~ 85 %RH. Please contact us if you would liketo check the
specifications in different circumstances.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com