Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C4SMC-RGF Datasheet(PDF) 6 Page - Cree, Inc

Part # C4SMC-RGF
Description  Cree Screen Master 4-mm Oval LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C4SMC-RGF Datasheet(HTML) 6 Page - Cree, Inc

  C4SMC-RGF Datasheet HTML 1Page - Cree, Inc C4SMC-RGF Datasheet HTML 2Page - Cree, Inc C4SMC-RGF Datasheet HTML 3Page - Cree, Inc C4SMC-RGF Datasheet HTML 4Page - Cree, Inc C4SMC-RGF Datasheet HTML 5Page - Cree, Inc C4SMC-RGF Datasheet HTML 6Page - Cree, Inc C4SMC-RGF Datasheet HTML 7Page - Cree, Inc C4SMC-RGF Datasheet HTML 8Page - Cree, Inc C4SMC-RGF Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
6
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
6
Cree 4-mm Oval LED
C4SMC-RGF/GGF/BGF
GRAPHS
The above data are collected from statistical figures that do not necessarily correspond to the actual
parameters of each single LED. Hence, these data will be changed without further notice.
FIG.5 RELATIVE LUMINOUS INTENSITY VS.
(RELATIVE LUMINOUS INTENSITY)
Ta( C)
FIG.2 RELATIVE LUMINOUS INTENSITY VS.
IF(mA)
FORWARD CURRENT
IF(mA)
VF(V)
3.4
FORWARD VOLTAGE.
FIG.1 FORWARD CURRENT VS.
20.0
2.2
0.0
2.8
4.0
60.0
40.0
80.0
100.0
IF (mA)
1.6
0.0
1.0
4.0
2.0
3.0
5.0
30
0.0
15
60
45
70
0
30
10
20
50
40
40
20
80
60
100
120
0
0
60
20
40
100
80
40
20
80
60
100
120
0
Ta( C)
IF(mA)
-10
REVERSE VOLTAGE.
FIG.3b BLUE & GREEN REVERSE CURRENT VS.
-50
Vr(V)
-30
-40
-20
-40
Ir(uA)
-50
-30
-20
-10
0
0
-60
Red
Blue
Green
Red
Blue
Green
FIG.4b BLUE & GREEN MAXIMUM
FORWARD DC CURRENT VS
AMBIENT TEMPERATURE (Tjmax=105 C)
FIG.4a RED MAXIMUM FORWARD
DC CURRENT VS AMBIENT
TEMPERATURE (Tjmax=105 C)
-10
VS. REVERSE VOLTAGE.
FIG.3a RED REVERSE CURRENT
-50
Vr(V)
-30
-40
-20
-40
Ir(uA)
-50
-30
-20
-10
0
0
-60
(RELATIVE LUMINOUS INTENSITY)
(RELATIVE LUMINOUS INTENSITY)
WAVELENGTH.
FIG.6a BLUE&GREEN FAR FIELD PATTERN
-90
-60
-30
0
0
0
0.5
1.0
0.5
1.0
30
20
10
40
50
60
70
80
90
H-H
V-V
(RELATIVE LUMINOUS INTENSITY)
-90
-60
-30
0
0
0
0.5
1.0
0.5
1.0
30
20
10
40
50
60
70
80
90
H-H
V-V
(RELATIVE LUMINOUS INTENSITY)
C4SMC-GGF/BGF:
C4SMC-RGF:
WL(nm)
80%
20%
40%
60%
0%
100%
700
300
500
400
600
800
900
Blue
Red
Green
FIG.6b RED FAR FIELD PATTERN



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com