Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C4SMC-RGF Datasheet(PDF) 1 Page - Cree, Inc

Part # C4SMC-RGF
Description  Cree Screen Master 4-mm Oval LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C4SMC-RGF Datasheet(HTML) 1 Page - Cree, Inc

  C4SMC-RGF Datasheet HTML 1Page - Cree, Inc C4SMC-RGF Datasheet HTML 2Page - Cree, Inc C4SMC-RGF Datasheet HTML 3Page - Cree, Inc C4SMC-RGF Datasheet HTML 4Page - Cree, Inc C4SMC-RGF Datasheet HTML 5Page - Cree, Inc C4SMC-RGF Datasheet HTML 6Page - Cree, Inc C4SMC-RGF Datasheet HTML 7Page - Cree, Inc C4SMC-RGF Datasheet HTML 8Page - Cree, Inc C4SMC-RGF Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRODUCT FAMILY DATA SHEET
Cree® Screen Master® 4-mm Oval LED
C4SMC-RGF/GGF/BGF
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice.
Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc.
PRODUCT DESCRIPTION
These oval LEDs are specifically de-
signed for full-color video screens, dig-
ital billboards and passenger-informa-
tion signs. The oval-shaped radiation
pattern and high luminous intensity
ensure that these devices are excel-
lent for bright sunlight or low power
consumption outdoor applications.
These lamps are made with an ad-
vanced optical-grade epoxy that offers
superior high-temperature and high-
moisture-resistance performance in
outdoor signal and sign applications.
The encapsulation resin contains anti-
UV material in order to reduce the ef-
fects of long-term exposure to direct
sunlight.
FEATURES
Size (mm): 4
Color and Typical Dominant
Wavelength:
Red (621nm)
Green(527nm)
Blue(470nm)
Luminous Intensity (mcd)
C4SMC-RGF: (1520-4180)
C4SMC-GGF: (3000-8200)
C4SMC-BGF: (770-2130)
Lead - Free
RoHS Compliant
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/xlamp
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
APPLICATIONS
Electronic Signs & Signals
(ESS)
Full Color Video Screen
Digital Billboards
Motorway Signs
Variable Message Sign (VMS)
Advertising Signs
Petrol Signs


Similar Part No. - C4SMC-RGF

ManufacturerPart #DatasheetDescription
logo
Cree LED
C4SMA CREELED-C4SMA Datasheet
731Kb / 9P
Screen Master® 4-mm Oval LEDs: C4SMA-RGY/GGY/BGY
logo
Cree, Inc
C4SMA-BGF CREE-C4SMA-BGF Datasheet
899Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMA-BGF-CR2T3351 CREE-C4SMA-BGF-CR2T3351 Datasheet
899Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMA-BGF-CR2T3352 CREE-C4SMA-BGF-CR2T3352 Datasheet
899Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMA-BGF-CR34Q3C1 CREE-C4SMA-BGF-CR34Q3C1 Datasheet
899Kb / 9P
Cree Screen Master 4-mm Oval LED
More results

Similar Description - C4SMC-RGF

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C4SMG-RJF CREE-C4SMG-RJF Datasheet
788Kb / 9P
Cree Screen Master 4-mm Oval LED
C5SMF-RJF CREE-C5SMF-RJF Datasheet
941Kb / 11P
Cree Screen Master 5-mm Oval LED
C4SMA-RGF CREE-C4SMA-RGF Datasheet
899Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMB-RGF CREE-C4SMB-RGF Datasheet
685Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMF-RJF CREE-C4SMF-RJF Datasheet
732Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMF-RJS CREE-C4SMF-RJS Datasheet
975Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMK-RJF CREE-C4SMK-RJF Datasheet
761Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMM-RJF CREE-C4SMM-RJF Datasheet
819Kb / 9P
Cree Screen Master 4-mm Oval LED
C4SMN-RJF CREE-C4SMN-RJF Datasheet
806Kb / 9P
Cree Screen Master 4-mm Oval LED
S4SMS-RJF CREE-S4SMS-RJF Datasheet
857Kb / 8P
Cree Screen Master 4-mm Oval LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com