Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3988IMF-3.3 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3988IMF-3.3
Description  Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator With Power Good
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3988IMF-3.3 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP3988IMF-3.3 Datasheet HTML 1Page - National Semiconductor (TI) LP3988IMF-3.3 Datasheet HTML 2Page - National Semiconductor (TI) LP3988IMF-3.3 Datasheet HTML 3Page - National Semiconductor (TI) LP3988IMF-3.3 Datasheet HTML 4Page - National Semiconductor (TI) LP3988IMF-3.3 Datasheet HTML 5Page - National Semiconductor (TI) LP3988IMF-3.3 Datasheet HTML 6Page - National Semiconductor (TI) LP3988IMF-3.3 Datasheet HTML 7Page - National Semiconductor (TI) LP3988IMF-3.3 Datasheet HTML 8Page - National Semiconductor (TI) LP3988IMF-3.3 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Ordering Information
SOT23-5 Package
Output
Voltage (V)
Grade
LP3988 Supplied as 1000
Units, Tape and Reel
LP3988 Supplied as 3000
Units, Tape and Reel
Package Marking
2.5
STD
LP3988IMF-2.5
LP3988IMFX-2.5
LFSB
2.6
STD
LP3988IMF-2.6
LP3988IMFX-2.6
LDJB
2.85
STD
LP3988IMF-2.85
LP3988IMFX-2.85
LDLB
3.0
STD
LP3988IMF-3.0
LP3988IMFX-3.0
LFAB
3.3
STD
LP3988IMF-3.3
LP3988IMFX-3.3
LH5B
5 Bump Thin Micro SMD Package
Output
Voltage (V)
Grade
LP3988 Supplied as 250
Units, Tape and Reel
LP3988 Supplied as 3000
Units, Tape and Reel
1.85
STD
LP3988ITL-1.85
LP3988ITLX-1.85
2.6
STD
LP3988ITL-2.6
LP3988ITLX-2.6
2.85
STD
LP3988ITL-2.85
LP3988ITLX-2.85
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com